Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT50-R2-E2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBT50-R2-E2
Description  Background suppression sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT50-R2-E2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBT50-R2-E2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT50-R2-E2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT50-R2-E2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Background suppression sensor
OBT50-R2-E2
Dimensions
Electrical connection
Indicators/operating means
11.2
9.1
ø 2.6
3.8
BN
L+
L-
BK
BU
Q
1 Operating display green
2 Signal display
yellow
3 Emitter
4 Receiver
1
2
3
4
Model Number
OBT50-R2-E2
Triangulation sensor (BGS)
with 2 m fixed cable
Features
• Ultra-small housing design
• 45° cable outlet for maximum
mounting freedom under extremely
tight space constraints
• Improvement in machine availability
with abrasion-resistant, antistatic
glass front
• Highly visible light spot, even on dark
materials
• Precision object detection, almost
irrespective of the color
• Extremely long detection range paves
the way for new applications
Product information
The nano sensor has been developed for a
broad range of applications. It offers excellent
durability and is exceptionally easy to install.
The housing is compact and, with its 45°
cable outlet, can be installed in the smallest
spaces. New functional principles and func-
tionality open up a range of new options. The
abrasion-resistant lens allows long operating
times close to the moving object.


Similar Part No. - OBT50-R2-E2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT50-R2-E2-1T PF-OBT50-R2-E2-1T Datasheet
354Kb / 3P
Triangulation sensor with background evaluation
OBT50-R2-E2-L PF-OBT50-R2-E2-L Datasheet
505Kb / 3P
Laser triangulation sensor with background suppression
OBT50-R2-E2-P PF-OBT50-R2-E2-P Datasheet
992Kb / 4P
Triangulation sensor (BGS)
2023-04-05
OBT50-R2-E2-P-L PF-OBT50-R2-E2-P-L Datasheet
1Mb / 5P
Triangulation sensor (BGS)
2023-04-05
More results

Similar Description - OBT50-R2-E2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
SBL-8-H-600-IR-SL-3549 PF-SBL-8-H-600-IR-SL-3549 Datasheet
400Kb / 3P
Background suppression sensor
ML4.2-8-H-22-RT-4709 PF-ML4.2-8-H-22-RT-4709 Datasheet
279Kb / 3P
Background suppression sensor
ML100-8-H-3704 PF-ML100-8-H-3704 Datasheet
915Kb / 4P
Background suppression sensor
GLV30-8-H-2371 PF-GLV30-8-H-2371 Datasheet
257Kb / 3P
Background suppression sensor
SBL-8-H-900-IR-SL-V-4288 PF-SBL-8-H-900-IR-SL-V-4288 Datasheet
367Kb / 3P
Background suppression sensor
OBT30-R2F-E2 PF-OBT30-R2F-E2 Datasheet
326Kb / 3P
Background suppression sensor
OBT50-R2-E0 PF-OBT50-R2-E0 Datasheet
316Kb / 3P
Background suppression sensor
OBT80-R2-E0 PF-OBT80-R2-E0 Datasheet
319Kb / 3P
Background suppression sensor
OBT80-R2-E2 PF-OBT80-R2-E2 Datasheet
319Kb / 3P
Background suppression sensor
MLV41-8-HV-60-IR-5360 PF-MLV41-8-HV-60-IR-5360 Datasheet
375Kb / 3P
Background suppression sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com