Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSF0095 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # OVSF0095
Description  Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Fixed, OVSF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OVSF0095 Datasheet(HTML) 2 Page - Vishay Siliconix

  OVSF0095 Datasheet HTML 1Page - Vishay Siliconix OVSF0095 Datasheet HTML 2Page - Vishay Siliconix OVSF0095 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OVSF
www.vishay.com
Vishay Milwaukee
Revision: 08-Oct-13
2
Document Number: 31835
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TERMINAL STYLE in inches (millimeters)
DIMENSIONS
A (3/16" LUG)
H (1/4" SQC)
Width (A)
0.1875 (4.7625)
0.25 (6.35)
Height (B)
0.375 (9.525)
0.625 (15.875)
Dia. (C)
0.13 (3.302)
0.065 (1.651)
Thickness (D)
0.02 (0.508)
0.032 (0.8128)
MATERIAL SPECIFICATIONS
Element
Copper-nickel, nickel-chrome, iron-chrome-aluminum
Core
Steatite
Coating
High temperature silicone
Standard terminals
Nickel-iron
Part marking
Value, date code, MRC
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: OVSF0070137K0JHB00 (OVSF0070 137K 5 % 1/4SQC B)
O
V
S
F
0
070
137
K
0
J
H
B
0
0
MODEL
(2 digits)
COATING
(1 digit)
TYPE
(1 digit)
SIZE
(4 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
TERMINAL
(1 digit)
PACKAGING
(1 digit)
SPECIAL
(2 digits)
OV
S =
Silicone
F =
Fixed
0030 =
30 W
0095 =
95 W
Available
sizes:
0030
0040
0055
0070
0095
R = Decimal
K = Thousand
R1500 = 0.15
1K500 = 1.5 k
Check
datasheet
for available
value range
J = ± 5.0 %
K = ± 10 %
A = 3/16" lug (3/16L)
H = 1/4" single
quick-connect
(1/4SQC)
B = Bulk
00 =
Standard
NI =
Non-inductive
NS =
No strips
and spacers
D
Type H
B
A
C
B
D
C
A
Type A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com