Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRP1/2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MRP1/2
Description  Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MRP1/2 Datasheet(HTML) 2 Page - Vishay Siliconix

  MRP1/2 Datasheet HTML 1Page - Vishay Siliconix MRP1/2 Datasheet HTML 2Page - Vishay Siliconix MRP1/2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MRP
www.vishay.com
Vishay Mills
Revision: 07-May-12
2
Document Number: 31803
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic: Steatite or alumina, depending on physical
size
Coating: Special high temperature silicone
Standard Terminals: Tinned copper clad steal
End Caps: Stainless steel
Part Marking: MILLS, model, value, tolerance, date code
DERATING
MODEL
DIMENSIONS in inches [millimeters]
L
± 0.062 [1.57]
L1 Max.
D
± 0.031 [0.79]
LD
± 0.002 [0.051]
MRP1/4
0.230 [5.84]
0.330 [8.38]
0.094 [2.39]
0.020 [0.508]
MRP1/A
0.275 [6.98]
0.375 [9.52]
0.094 [2.39]
0.020 [0.508]
MRP1/2
0.310 [7.87]
0.415 [10.54]
0.094 [2.39]
0.020 [0.508]
MRP001
0.406 [10.31]
0.500 [12.70]
0.094 [2.39]
0.020 [0.508]
MRP01A
0.540 [13.72]
0.640 [16.26]
0.094 [2.39]
0.020 [0.508]
MRP002
0.500 [12.70]
0.600 [15.24]
0.167 [4.24]
0.032 [0.813]
MRP02A
0.500 [12.70]
0.600 [15.24]
0.230 [5.84]
0.032 [0.813]
MRP02B
0.375 [9.52]
0.475 [12.06]
0.167 [4.24]
0.032 [0.813]
MRP02C
0.625 [15.87]
0.725 [18.41]
0.218 [5.54]
0.032 [0.813]
MRP003
0.562[14.27]
0.650 [16.51]
0.167 [4.24]
0.032 [0.813]
MRP03B
0.750 [19.05]
0.845 [21.46]
0.167 [4.24]
0.032 [0.813]
MRP004
0.812 [20.62]
0.900 [22.86]
0.218 [5.54]
0.032 [0.813]
MRP04B
0.875 [22.22]
0.975 [24.76]
0.312 [7.92]
0.032 [0.813]
MRP005
0.932 [23.67]
1.025 [26.03]
0.312 [7.92]
0.032 [0.813]
MRP007
1.188 [30.18]
1.280 [32.51]
0.312 [7.92]
0.032 [0.813]
MRP010
1.780 [45.21]
1.860 [47.24]
0.360 [9.14]
0.040 [1.016]
MRP10B
1.720 [43.69]
1.800 [45.72]
0.312 [7.92]
0.032 [0.813]
MRP015
1.850 [46.99]
1.960 [49.78]
0.475 [12.06]
0.050 [1.270]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MRP RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 30 for 10
 and above; ± 50 for 1.0  to 9.9 ; ± 90 for 0.5  to 0.99 
Terminal Strength
lb
5 min (MRP1/4 thru MRP01A) and 10 min (MRP002 and larger)
Dielectric Withstanding Voltage
VAC
500 for 1.2 W and smaller; 1000 for 2.25 W and larger
Operating Temperature Range
°C
Characteristic U = - 65 to + 250; Characteristic V = - 65 to + 350
Maximum Working Voltage
V
(P x R)1/2
1.50 [38.10]
min.
L
D
LD
L1
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
25
- 65
- 50
250
50
350
0150
Characteristic U
Characteristic V
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
(CHARACTERISTIC U) (CHARACTERISTIC V)
Dielectric Withstanding
Voltage
500 VRMS 1 min for MRP1/4 thru MRP01A; 1000 VRMS,
1 min for all others
± (0.1 % + 0.05
) R
± (0.1 % + 0.05
) R
High Frequency
Vibration
Frequency varied 10 Hz to 2000 Hz, 20 g peak,
2 directions 6 h each
± (0.1 % + 0.05
) R
± (0.2 % + 0.05
) R
High Temperature
Exposure
250 h at + 250 °C for U Characteristic,
+ 350 °C for V Characteristic
± (0.5 % + 0.05
) R
± (4.0 % + 0.05
) R
Load Life
2000 h at 25 °C at rated power, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.05
) R
± (3.0 % + 0.05
) R
Low Temperature Storage
- 65 °C for 24 h
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g’s for 6 ms, 10 shocks
± (0.1 % + 0.05
) R
± (0.2 % + 0.05
) R
Shock, Thermal
Rated power applied until thermally stable,
then 15 min at - 55 °C
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Short Time Overload
5 x rated power (1.2 W smaller),
10 x rated power (2.25 W and larger) for 5 s
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Terminal Strength
Pull test 5 s to 10 s, 5 lb (MRP1/4 thru MRP01A), 10 lb
for all others; torsion test - 3 alternating directions, 360°
each
± (0.1 % + 0.05
) R
± (1.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com