Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1603-AA-RX Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MP1603-AA-RX
Description  AC INPUT LIMIT ALARM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MP1603-AA-RX Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MP1603-AA-RX Datasheet HTML 1Page - M-System Co.,Ltd. MP1603-AA-RX Datasheet HTML 2Page - M-System Co.,Ltd. MP1603-AA-RX Datasheet HTML 3Page - M-System Co.,Ltd. MP1603-AA-RX Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES-9805 Rev.5
MODEL
Limit Alarms M-PAC
MP1600-1623
Functions & Features
• Accepting AC current and voltage inputs and pro-
viding relay contact closure(s) at a preset input level
• Single, latching or dual setpoint • Failsafe opera-
tion available • Deadband adjustable from 1 to 100%
• Indicator LED provided
Typical Applications
• Annunciator • Various alarm applications
MODEL & SUFFIX CODE SELECTION
ORDERING INFORMATION
Specify code number and variables.
•Code number (e.g. MP1600-A6-F/T/V)
•Special input range (For codes AZ & A8)
GENERAL SPECIFICATIONS
Construction: plug-in
Connection: M3.5 screw terminals on base socket
Housing material: flame-resistant resin (black)
Isolation:
input to output to power
(non-isolated between I/O with Option V)
Zero/span adjustments:
±5% (front)
Setpoint adjustments: front accessed three-turn
screwdriver, remote dial potentiometer
or DC input
Deadband adjustments: front accessed single-turn
screwdriver; 1 – 100%
Front LEDs: red lights turn on at a tripped condition
Power ON timer: relays de-energized for approx. 2
seconds after power is turned on.
AC INPUT LIMIT ALARM
P. 1 / 4
MP16uu–u–u/u
MODEL
INPUT TYPE
6 : AC current or voltage
RELAY CONTACT OUTPUT
0 : Single (Hi) trip, non-latching
1 : Single (Hi) trip, latching
2 : Dual (Hi/Lo) trip, non-latching
SETPOINT CONTROL
0 : Front-accessed three-turn screwdriver adjust.
2 : Remote dial connections (total resistance 1k – 100k
Ω)
3 : DC programmable (0 – 1V)
INPUT RANGE
Current
AA : 0 – 10mA AC
AB : 0 – 50mA AC
AC : 0 – 100mA AC
AD : 0 – 500mA AC
AZ : Specify current*
*0% input must be 0mA or 0V.
POWER INPUT
F : 120V AC
J : 240V AC
R : 24V DC
S : 12V DC
OPTIONS
H : Latching operation for dual trip (162X only);
Reset at power off (5 seconds min.)
R : Reversed relay sense
T : Transmitter output (0 – 1V DC)
V : Relay drive voltage output
X : Lo-trip sense for single trip; Lo/Lo for dual trip
Y : Hi/Hi-trip sense for dual trip (162X only)
M•PAC
LIMIT ALARM
SET 2
SET 1
SET 2
DEADBAND
SET 1
DEADBAND
SPAN
ZERO
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
Voltage
A1 : 0 – 100mV AC
A2 : 0 – 500mV AC
A3 : 0 – 1V AC
A4 : 0 – 5V AC
A5 : 0 – 10V AC
A6 : 0 – 120V AC
A7 : 0 – 150V AC
A8 : Specify voltage*


Similar Part No. - MP1603-AA-RX

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP160 CTS-MP160 Datasheet
133Kb / 5P
Quartz Crystal
logo
Multicomp Pro
MP1600 MULTICOMP-MP1600 Datasheet
983Kb / 3P
19Instrument Control KnobsNewark.
09/09/22 V1.1
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
Multicomp Pro
MP1601 MULTICOMP-MP1601 Datasheet
983Kb / 3P
19Instrument Control KnobsNewark.
09/09/22 V1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
More results

Similar Description - MP1603-AA-RX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1375 MAXIM-DS1375 Datasheet
197Kb / 13P
I2C Digital Input RTC with Alarm
Rev 2; 9/08
logo
M-System Co.,Ltd.
MP1800-1823 MSYSTEM-MP1800-1823 Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
MP1700-1723 MSYSTEM-MP1700-1723 Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1400-1423 MSYSTEM-MP1400-1423 Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1200-1223 MSYSTEM-MP1200-1223 Datasheet
94Kb / 4P
THERMOCOUPLE INPUT LIMIT ALARM
MP1100-1123 MSYSTEM-MP1100-1123 Datasheet
61Kb / 4P
2-WIRE TRANSMITTER LIMIT ALARM
MP1000-1023 MSYSTEM-MP1000-1023 Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
logo
ETA-USA
AOJS25 ETA-USA-AOJS25 Datasheet
944Kb / 4P
25W AC /DC Inrush Current Limit
2014
AOJS100 ETA-USA-AOJS100 Datasheet
2Mb / 6P
100W AC/DC Inrush Current Limit
AOPS30 ETA-USA-AOPS30 Datasheet
901Kb / 2P
30W AC/DC Inrush Current Limit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com