Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDEF0050 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RDEF0050
Description  Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Fixed (RDEF, RDSF)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RDEF0050 Datasheet(HTML) 2 Page - Vishay Siliconix

  RDEF0050 Datasheet HTML 1Page - Vishay Siliconix RDEF0050 Datasheet HTML 2Page - Vishay Siliconix RDEF0050 Datasheet HTML 3Page - Vishay Siliconix RDEF0050 Datasheet HTML 4Page - Vishay Siliconix RDEF0050 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RDEF, RDSF
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
2
Document Number: 31829
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
• For Terminal Data and Mounting Hardware, see www.vishay.com/doc?31811
• For Enclosures and Frames, see www.vishay.com/doc?31810
GLOBAL
MODEL
CORE DIMENSIONS (REF.)
A
DISTANCE
BETWEEN
TERMINAL (REF.)
WEIGHT
(TYP.)
g
B
LENGTH
C
OUTER DIAMETER
D
INNER DIAMETER
RDEF0008
1 (25.4)
0.313 (7.95)
0.188 (4.775)
0.63 (15.875)
4
RDEF0012
1.75 (44.45)
0.313 (7.95)
0.188 (4.775)
1.38 (34.925)
6
RDEF0015
1.5 (38.1)
0.438 (11.125)
0.313 (7.95)
1.06 (26.9875)
8
RDEF0020
2 (50.8)
0.438 (11.125)
0.313 (7.95)
1.56 (39.6875)
15
RDEF0025
2 (50.8)
0.563 (14.3)
0.313 (7.95)
1.50 (38.1)
20
RDEF0030
2 (50.8)
0.75 (19.05)
0.5 (12.7)
1.50 (38.1)
30
RDEF0045
3 (76.2)
0.75 (19.05)
0.5 (12.7)
2.50 (63.5)
50
RDEF0050
4 (101.6)
0.563 (14.3)
0.313 (7.95)
3.50 (88.9)
65
RDEF0051
3.5 (88.9)
0.75 (19.05)
0.5 (12.7)
3.00 (76.2)
58
RDEF0061
4 (101.6)
0.75 (19.05)
0.5 (12.7)
3.50 (88.9)
62
RDEF0065
4.5 (114.3)
0.75 (19.05)
0.5 (12.7)
4.00 (101.6)
68
RDEF0075
6 (152.4)
0.563 (14.3)
0.313 (7.95)
5.50 (139.7)
90
RDEF0076
5 (127)
0.75 (19.05)
0.5 (12.7)
4.50 (114.3)
75
RDEF0080
4 (101.6)
1.125 (28.575)
0.75 (19.05)
3.13 (79.375)
127
RDEF0090
6 (152.4)
0.75 (19.05)
0.5 (12.7)
5.50 (139.7)
95
RDEF0095
5 (127)
1.125 (28.575)
0.75 (19.05)
4.13 (104.775)
145
RDEF0100
6.5 (165.1)
0.75 (19.05)
0.5 (12.7)
6.00 (152.4)
100
RDEF0120
6 (152.4)
1.125 (28.575)
0.75 (19.05)
5.13 (130.175)
165
RDEF0130
6.5 (165.1)
1.125 (28.575)
0.75 (19.05)
5.63 (142.875)
200
RDEF0160
8 (203.2)
1.125 (28.575)
0.75 (19.05)
7.13 (193.675)
225
RDEF0175
8.5 (215.9)
1.125 (28.575)
0.75 (19.05)
7.63 (177.8)
250
RDSF0220
8.5 (215.9)
1.625 (41.275)
1.125 (28.575)
7.00 (177.8)
400
RDEF0225
10.5 (266.7)
1.125 (28.575)
0.75 (19.05)
9.63 (244.475)
270
RDEF0235
11.25 (285.75)
1.125 (28.575)
0.75 (19.05)
10.38 (263.525)
310
RDEF0240
11.75 (298.45)
1.125 (28.575)
0.75 (19.05)
10.88 (276.225)
325
RDSF0275
10.5 (266.7)
1.625 (41.275)
1.125 (28.575)
9.00 (228.6)
500
RDSF0300
11.75 (298.45)
1.625 (41.275)
1.125 (28.575)
10.25 (260.35)
510
RDSF0500
12 (304.8)
2.5 (63.5)
1.75 (44.45)
10.50 (266.7)
1000
RDSF0750
15 (381)
2.5 (63.5)
1.75 (44.45)
13.50 (342.9)
1300
RDSF1000
20 (508)
2.5 (63.5)
1.75 (44.45)
18.50 (469.9)
1625
RDSF1150
20 (508)
3.25 (82.55)
1.75 (44.45)
18.50 (469.9)
3800
TERMINAL STYLE in inches (millimeters)
DIMENSIONS
A (3/16" LUG)
D (1/4" LUG)
F (3/8" LUG)
G (1/2" LUG)
H (1/4" SQC)
Width (A)
0.1875 (4.7625)
0.25 (6.35)
0.375 (9.525)
0.5 (12.7)
0.25 (6.35)
Height (B)
0.375 (9.525)
0.5 (12.7)
0.625 (15.875)
0.9375 (23.8125)
0.625 (15.875)
Diameter (C)
0.13 (3.302)
0.17 (4.318)
0.2 (5.08)
0.26 (6.604)
0.065 (1.651)
Thickness (D)
0.02 (0.508)
0.02 (0.508)
0.035 (0.889)
0.046 (1.1684)
0.032 (0.8128)
A
B
D
C
D
Type H
B
A
C
B
D
C
A
Type A, D, F, G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com