Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT80-R2-E2-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBT80-R2-E2-L
Description  Laser triangulation sensor with background suppression
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT80-R2-E2-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBT80-R2-E2-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT80-R2-E2-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT80-R2-E2-L Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Laser triangulation sensor with background suppression
OBT80-R2-E2-L
Dimensions
Electrical connection
Indicators/operating means
11.2
9.1
ø2.6
3.8
BN
L+
L-
BK
BU
Q
1 Operating display green
2 Signal display
yellow
3 Emitter
4 Receiver
1
2
3
4
Model Number
OBT80-R2-E2-L
Laser triangulation sensor with
background suppression
with 2 m fixed cable
Features
• High-performance miniature
photoelectric sensors
• DuraBeam Laser Sensors - durable
and employable like an LED
• 45° cable outlet for maximum
mounting freedom under extremely
tight space constraints
• Improvement in machine availability
with abrasion-resistant, antistatic
glass front
• Precision object detection, almost
irrespective of the color
Product information
The R2 series nano sensor has been develo-
ped for a broad range of applications. It offers
excellent durability and is exceptionally easy
to install. The housing is compact and, with
its 45° cable outlet, can be installed in the
smallest spaces. New functional principles
and functionality open up a range of new opti-
ons. The DuraBeam laser sensors are
durable and can be used in the same way as
a standard sensor. The abrasion-resistant
lens allows long operating times close to the
moving object.


Similar Part No. - OBT80-R2-E2-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT80-R2-E2-P PF-OBT80-R2-E2-P Datasheet
993Kb / 4P
Triangulation sensor (BGS)
2023-04-05
OBT80-R2-E2-P-L PF-OBT80-R2-E2-P-L Datasheet
1Mb / 5P
Triangulation sensor (BGS)
2023-04-05
More results

Similar Description - OBT80-R2-E2-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT30-R2-E0-L PF-OBT30-R2-E0-L Datasheet
486Kb / 3P
Laser triangulation sensor with background suppression
OBT30-R2F-E0-L PF-OBT30-R2F-E0-L Datasheet
493Kb / 3P
Laser triangulation sensor with background suppression
OBT30-R3F-E2-L PF-OBT30-R3F-E2-L Datasheet
493Kb / 3P
Laser triangulation sensor with background suppression
OBT50-R2-E0-L PF-OBT50-R2-E0-L Datasheet
506Kb / 3P
Laser triangulation sensor with background suppression
OBT50-R3-E0-L PF-OBT50-R3-E0-L Datasheet
516Kb / 3P
Laser triangulation sensor with background suppression
OBT15-R2-E0-L PF-OBT15-R2-E0-L Datasheet
481Kb / 3P
Laser triangulation sensor with background suppression
OBT15-R2-E2-L PF-OBT15-R2-E2-L Datasheet
481Kb / 3P
Laser triangulation sensor with background suppression
OBT15-R2F-E0-L PF-OBT15-R2F-E0-L Datasheet
470Kb / 3P
Laser triangulation sensor with background suppression
OBT15-R3F-E0-L PF-OBT15-R3F-E0-L Datasheet
471Kb / 3P
Laser triangulation sensor with background suppression
OBT80-R3-E2-L PF-OBT80-R3-E2-L Datasheet
498Kb / 3P
Laser triangulation sensor with background suppression
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com