Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP0010 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BMP0010
Description  Magnetic Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BMP0010 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BMP0010 Datasheet HTML 1Page - Balluff Korea Ltd. BMP0010 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetic Sensors
BMP 01-ZLZPP21A-0256-00-P00,5-S4
Order Code: BMP0010
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-04
Subject to change without notice: 270157
ETIM 6.0: EC002544
BMP0010_0.58_2021-05-20
1 / 2
1) Sensing surface, 2) Notch, 3) LED function indicator, 4) Button
Basic features
Application
Positioning
Approval/Conformity
CE
cULus LISTED
IO-Link
WEEE
EAC
Basic standard
IEC 60947-5-2
IEC 60947-5-7
Principle of operation
Magnetic field positioning system
Scope of delivery
Short guide
Display/Operation
Error diagnostic indicator
Error - LED red
Function indicator
LED yellow
Power indicator
Run - LED green
Electrical connection
Bending radius min., fixed cable
3 x D
Bending radius min., flexible cable
10 x D
Cable
PUR, 0.5 m
Cable diameter D
2.4 mm
Connection
M12x1-Male, 4-pin, A-coded
Number of conductors
4
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current load capacity in SIO-mode
≤ 100 mA
No-load current Io max. at Ue
25 mA
Operating voltage Ub
15...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating voltage Ue DC
24 V
Ready delay tv max.
100 ms
Environmental conditions
Ambient temperature
-25...85 °C
Contamination scale
3
EN 60068-2-27, Shock
30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 2 mm, 3x30 min
ESD
2B (4 kV)
Emission
EN 55022, Class B
IP rating
IP67
Functional safety
MTTF (40 °C)
201 a
n


Similar Part No. - BMP0010

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BMP000Y BALLUFF-BMP000Y Datasheet
120Kb / 2P
Magnetic Sensors
BMP000Z BALLUFF-BMP000Z Datasheet
120Kb / 2P
Magnetic Sensors
More results

Similar Description - BMP0010

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N0 BALLUFF-BMF00N0 Datasheet
158Kb / 4P
Magnetic Sensors
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
Magnetic Sensors
BMF00N9 BALLUFF-BMF00N9 Datasheet
157Kb / 4P
Magnetic Sensors
BMF00NE BALLUFF-BMF00NE Datasheet
152Kb / 4P
Magnetic Sensors
BMF00NM BALLUFF-BMF00NM Datasheet
158Kb / 4P
Magnetic Sensors
BMP000Y BALLUFF-BMP000Y Datasheet
120Kb / 2P
Magnetic Sensors
BMP000Z BALLUFF-BMP000Z Datasheet
120Kb / 2P
Magnetic Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com