Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP00Y4 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BSP00Y4
Description  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00Y4 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BSP00Y4 Datasheet HTML 1Page - Balluff Korea Ltd. BSP00Y4 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pressure Sensors
BSP B010-EV009-P00S2B-S4
Order Code: BSP00Y4
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 266081
ETIM 6.0: EC000243
BSP00Y4_0.49_2021-04-12
2 / 2
Mechanical data
Process connection
G 1/4" (DIN 3852)
Tightening torque max.
5 Nm
Weight
230.00 g
Output/Interface
Analog output
Analog, voltage/Analog, current
selectable 4…20 mA/0…10 V
Interface
IO-Link 1.1
Switching output
2x PNP/NPN NO/NC selectable
Range/Distance
Accuracy
±0.5 % FSO BFSL
Burst pressure
35 bar
Long-term stability max.
0.3 % FSO/year
Measuring range
0...10 bar
Overload pressure
20 bar
Repeat accuracy
≤ ± 0.2 % FSO
Resolution
≤ 14 bits
Response time max.
13 ms
Sampling rate
1 ms
Remarks
vacuum-tight
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams
Out 1=PNP/NPN/IO-Link
Out 2=PNP/NPN/4…20 mA/0…10 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com