Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP00YR Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BSP00YR
Description  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00YR Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BSP00YR Datasheet HTML 1Page - Balluff Korea Ltd. BSP00YR Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure Sensors
BSP V002-EV009-P00S2B-S4
Order Code: BSP00YR
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 266098
ETIM 6.0: EC000243
BSP00YR_0.49_2021-04-02
1 / 2
1) Display and control panel, 2) Process connection, 3) Housing rotatable 320°
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Operating panel
2 buttons
320° rotation
4-digit,7-segment display, red
Display/Operation
Switching function display
LED
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current draw max.
50 mA
Load cycles
100 mil.
Operating voltage Ub
18...30 VDC
Output current max.
150 mA
Protection class
III
Switching cycles min.
100 mil.
Switching frequency
170 Hz
Environmental conditions
Ambient temperature
-40...85 °C
Compensation temperature
-25...85 °C
EN 60068-2-27, Shock
30 g, 11 ms
EN 60068-2-6, Vibration
30 g, 10…2000 Hz
IP rating
IP67, when threaded in
Interference immunity
EN 61326-1:2013
EN 61326-2-3: 2013
Media temperature
-40...125 °C
Noise emission
EN 61326-1:2013
EN 61326-2-3: 2013
Storage temperature
-40...85 °C
Temperature coefficient typ.
≤ ±0.3 % FSO/10K
Functional safety
MTTF (40 °C)
267 a
Material
Connector housing, material
1.4301 stainless steel
Gasket, material
FKM
Housing material
Stainless steel (1.4301)
PE, High-density polyethylene
Measuring cell, material
Ceramic Al2O3
Process connection material
1.4301 stainless steel


Similar Part No. - BSP00YR

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSP00Y0 BALLUFF-BSP00Y0 Datasheet
121Kb / 2P
Pressure Sensors
0.51_2021-08-31
BSP00Y2 BALLUFF-BSP00Y2 Datasheet
128Kb / 2P
Pressure Sensors
0.53_2021-08-31
BSP00Y3 BALLUFF-BSP00Y3 Datasheet
128Kb / 2P
Pressure Sensors
0.57_2021-08-31
BSP00Y4 BALLUFF-BSP00Y4 Datasheet
127Kb / 2P
Pressure Sensors
BSP00Y5 BALLUFF-BSP00Y5 Datasheet
128Kb / 2P
Pressure Sensors
0.53_2021-08-31
More results

Similar Description - BSP00YR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com