Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH5R06B
Description  Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH5R06B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH5R06B Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH5R06B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultrafast Rectifier
STTH5R06B
FEATURES
·
Ultrafast switching
·
Low reverse recovery current
·
Reduces switching losses
·
Low thermal resistanc
·
With DPAK package
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
The STTH5R06B is designed for use in switching power
Supplies,inverters and as free wheeling diodes.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
VRMS
Maximum RMS voltage
420
V
IF(AV)
Average Rectified Forward Current
5.0
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 60Hz)
50
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - STTH5R06B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5R06B STMICROELECTRONICS-STTH5R06B Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH5R06B STMICROELECTRONICS-STTH5R06B Datasheet
116Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
07-Sep-2004
STTH5R06B-TR STMICROELECTRONICS-STTH5R06B-TR Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH5R06B-TR STMICROELECTRONICS-STTH5R06B-TR Datasheet
116Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
07-Sep-2004
STTH5R06BY-TR STMICROELECTRONICS-STTH5R06BY-TR Datasheet
288Kb / 13P
Automotive 600 V, 5 A ultrafast diode
18-Mar-2019
More results

Similar Description - STTH5R06B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com