Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK210BS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK210BS
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210BS Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK210BS Datasheet HTML 1Page - NXP Semiconductors PCK210BS Datasheet HTML 2Page - NXP Semiconductors PCK210BS Datasheet HTML 3Page - NXP Semiconductors PCK210BS Datasheet HTML 4Page - NXP Semiconductors PCK210BS Datasheet HTML 5Page - NXP Semiconductors PCK210BS Datasheet HTML 6Page - NXP Semiconductors PCK210BS Datasheet HTML 7Page - NXP Semiconductors PCK210BS Datasheet HTML 8Page - NXP Semiconductors PCK210BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
2
2004 Apr 23
FEATURES
• 85 ps part-to-part skew typical
• 20 ps output-to-output skew typical
• Differential design
• V
BB output
• Voltage and temperature compensated outputs
• Low voltage V
EE range of –2.25 V to –3.8 V
• 75 kΩ input pull-down resistors
• Form, fit, and function compatible with MC100EP210
DESCRIPTION
The PCK210 is a low skew 1-to-5 dual differential driver, designed
with clock distribution in mind. The input signals can be either
differential or single-ended if the VBB output is used. The signal is
fanned out to 5 identical differential outputs.
The PCK210 is specifically designed, modeled and produced with
low skew as the key goal. Optimal design and layout serve to
minimize gate-to-gate skew within a device, and empirical modeling
is used to determine process control limits that ensure consistent
tPD distributions from lot to lot. The net result is a dependable,
guaranteed low skew device.
To ensure that the tight skew specification is met, it is necessary that
both sides of the differential output are terminated into 50
Ω, even if
only one side is being used. In most applications, all ten differential
pairs will be used, and therefore terminated. In the case where fewer
than ten pairs are used, it is necessary to terminate at least the
output pairs on the same package side as the pair(s) being used on
that side, in order to maintain minimum skew. Failure to do this will
result in small degradations of propagation delay (on the order of
10–20 ps) of the output(s) being used, which, while not being
catastrophic to most designs, will mean a loss of skew margin.
The PCK210, as with most other ECL devices, can be operated
from a positive VCC supply in PECL mode. This allows the PCK210
to be used for high performance clock distribution in +3.3 V or
+2.5 V systems. Designers can take advantage of the PCK210’s
performance to distribute low skew clocks across the backplane or
the board. In a PECL environment, series or Thevenin line
terminations are typically used as they require no additional power
supplies.
The PCK210 may be driven single-endedly utilizing the VBB bias
output with the CLKA or CLKB input. If a single-ended signal is to be
used, the VBB pin should be connected to the CLKA or CLKB input
and bypassed to ground via a 0.01
µF capacitor. The VBB output
can only source/sink 0.3 mA, therefore, it should be used as a
switching reference for the PCK210 only. Part-to-part skew
specifications are not guaranteed when driving the PCK210
single-endedly.
PINNING
Pin configurations
VBB
24
23
22
21
20
19
18
17
QA3
QA3
QA4
QA4
QB0
QB0
QB1
QB1
1
2
3
4
5
6
7
8
PCK210BD
SW00909
n.c.
CLKA
CLKA
CLKB
CLKB
VEE
VCC
Figure 1. LQFP32 pin configuration
PCK210BS
(TOP VIEW)
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VCC
n.c.
CLKA
CLKA
CLKB
CLKB
V BB
V EE
QA3
QA3
QA4
QA4
QB0
QB0
QB1
QB1
SW02237
Figure 2. HVQFN32 pin configuration
ORDERING INFORMATION
Type n mber
Package
Temperature
Type number
Name
Description
Version
p
range
PCK210BD
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
–40
°C to +85 °C
PCK210BS
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1
–40
°C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com