Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30YS4S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R30YS4S/Q
Description  Remote I/O R30 Series DC CURRENT OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YS4S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R30YS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30YS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30YS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30YS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30YS4S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R30YS4
R30YS4 SPECIFICATIONS
ES-9006 Rev.4 Page 1/5
https://www.m-system.co.jp/
Remote I/O R30 Series
DC CURRENT OUTPUT MODULE
(4 points, isolated)
Functions & Features
• 4 channels for DC current output remote I/O module
• Isolation between output channels
25 [.98]
mm [inch]
98
[3.86]
110
[4.33]
MODEL: R30YS4S[1]
ORDERING INFORMATION
• Code number: R30YS4S[1]
Specify a code from below for [1].
(e.g. R30YS4S/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
4: 4
COMMUNICATION MODE
S: Single
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9006)
RELATED PRODUCTS
• PC configurator software (model: R30CFG)
Downloadable at M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R30BS)
Output: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R30BS)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG. Co., Ltd., Nichifu Co., Ltd.
(Solderless terminals with insulation sleeve do not fit.)
Applicable wire size: 0.25 to 0.75 mm2
Screw terminal: Nickel-plated steel
Isolation: Output 1 to output 2 to output 3 to output 4 to
internal bus or internal power
Output at the loss of communication: Selectable with PC
configurator software (Model: R30CFG, factory default:
output hold)
Status indicator LED: RUN, ERR
(refer to the instruction manual)
■Recommended solderless terminal size - M3 (unit: mm)
12 max.
3 max.
3.2 dia.
OUTPUT SPECIFICATIONS
Module type: Analog output, 4 points
Output range: 4 to 20 mA DC
Load resistance: ≤ 550 Ω
Operational range: -15 to +115 % of output range
INSTALLATION
Current consumption: 120 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 160 g (0.35 lb)


Similar Part No. - R30YS4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YN16A MSYSTEM-R30YN16A Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YN16AS/Q MSYSTEM-R30YN16AS/Q Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YN16C MSYSTEM-R30YN16C Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YN16CS/Q MSYSTEM-R30YN16CS/Q Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YV4 MSYSTEM-R30YV4 Datasheet
183Kb / 5P
Remote I/O R30 Series DC VOLTAGE OUTPUT MODULE
More results

Similar Description - R30YS4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YV4 MSYSTEM-R30YV4 Datasheet
183Kb / 5P
Remote I/O R30 Series DC VOLTAGE OUTPUT MODULE
R30YN16C MSYSTEM-R30YN16C Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30YN16A MSYSTEM-R30YN16A Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R30SV4 MSYSTEM-R30SV4 Datasheet
188Kb / 6P
Remote I/O R30 Series DC VOLTAGE/CURRENT INPUT MODULE
R30SV2 MSYSTEM-R30SV2 Datasheet
184Kb / 6P
Remote I/O R30 Series DC VOLTAGE/CURRENT INPUT MODULE
R30NOUA1 MSYSTEM-R30NOUA1 Datasheet
130Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NECT1 MSYSTEM-R30NECT1 Datasheet
131Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NCIT1 MSYSTEM-R30NCIT1 Datasheet
219Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30NCIE1 MSYSTEM-R30NCIE1 Datasheet
217Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30CT4E MSYSTEM-R30CT4E Datasheet
176Kb / 4P
Remote I/O R30 Series AC CURRENT INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com