Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30YV4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30YV4S/Q
Description  Remote I/O R30 Series DC VOLTAGE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YV4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30YV4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30YV4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30YV4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30YV4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30YV4S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R30YV4
R30YV4 SPECIFICATIONS
ES-9005 Rev.3 Page 3/5
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Output range
-10 – +10V DC
-5 – +5V DC
0 – 10V DC
0 – 5V DC
1 – 5V DC
-10 – +10V DC
Fine zero adjustment
-320.00 – +320.00 (%) 0.00 (%)
Fine gain adjustment
-3.2000 – +3.2000
1.0000
Scaled range zero
-32 000 – +32 000
0
Scaled range span
-32 000 – +32 000
10 000
Output range at
communication
failure or power up
-15.00 – +115.00 (%)
-15.00 (%)
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT SETTING
Simulate output
Normal output
Simulation data
Normal output
Output at the loss of
communication
Hold the output data
User set data output
Hold the output
data
EXTERNAL VIEW
RUN
ERR
RUN LED
Output Terminal Block
ERR LED
■ FRONT VIEW
■ BOTTOM VIEW
■ SIDE VIEW
Lock Tab
Base Fixing Screw
Specifications
Positioning Guide
Terminal Cover
Terminal Fixing Screw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com