Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30YN16AS/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R30YN16AS/Q
Description  Remote I/O R30 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YN16AS/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R30YN16AS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30YN16AS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30YN16AS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30YN16AS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30YN16AS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R30YN16A
R30YN16A SPECIFICATIONS
ES-9011 Rev.3 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Comm.
Circuit
Control
Circuit
3
1
4
2
5
6
7
8
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
19
13
14
12
15
16
17
18
9
10
20
11 Y9
Y10
V+
V+
Y11
Y12
Y13
Y14
Y15
Y16
V–
V–
+
V+
V+
V–
V–
+
■ Output Circuit
Control
Circuit
19
1
V+
9 V+
Y1
18 Y16
20 V–
10 V–
1
10
20
9
18
19
Y1
Y16
■ Output Connection Example
INTERNAL
POWER
INTERNAL
BUS
ERR
LED
RUN
LED
DISCRETE OUTPUT
IND. LED
Output Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com