Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30US2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30US2
Description  Remote I/O R30 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30US2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30US2 Datasheet HTML 1Page - M-System Co.,Ltd. R30US2 Datasheet HTML 2Page - M-System Co.,Ltd. R30US2 Datasheet HTML 3Page - M-System Co.,Ltd. R30US2 Datasheet HTML 4Page - M-System Co.,Ltd. R30US2 Datasheet HTML 5Page - M-System Co.,Ltd. R30US2 Datasheet HTML 6Page - M-System Co.,Ltd. R30US2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R30US2
R30US2 SPECIFICATIONS
ES-9017 Rev.3 Page 2/7
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Module type: Analog input, 2 points
■ Universal Input
Refer to the users manual of R30CFG for setting input type
and range
•DC current input
Input resistance: Input resistor (49.9 Ω) incorporated
Input range: -20 – +20 mA
•DC narrow span voltage input range (-1000 – +1000 mV)
Input resistance: ≥ 100 kΩ
•DC wide span voltage input range (-10 – +10 V)
Input resistance: ≥ 1 MΩ
•Thermocouple input
Input resistance: ≥ 100 kΩ
Input range: See Table 1
Conformance range: See Table 1
•RTD input (2- or 3-wire)
Input sensing: ≤ 0.33 mA
Input range: See Table 1
Maximum leadwire resistance: 20 Ω per wire
∙Potentiometer input
Input sensing: ≤ 0.33 mA
Input range: 0 – 4000 Ω
Maximum leadwire resistance: 20 Ω per wire
∙Resistor input
Input sensing: ≤ 0.33 mA
Input range: 0 – 4000 Ω
Maximum leadwire resistance: 20 Ω per wire
INSTALLATION
Current consumption: 45 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 170 g (0.37 lb)
PERFORMANCE
Conversion accuracy: See Table 1.
Conversion rate: ≤ 100 msec.
Converted data range
DC current/voltage, potentiometer or resistor: 0 to 10000
with respect to input range (Default setting)
Thermocouple or RTD:
°C, K: Engineering unit value × 10 (integer) (Default
setting)
°F: Engineering unit value (integer)
* Scaling of converted data is configurable with the
configurator software (model: R30CFG). Refer to the
software manual for details.
Data allocation: 2
Cold junction compensation error (T/C):
±2.0°C at 0 – 50°C (±3.6°F at 32 – 122°F)
(Cold junction compensation is not available for B
thermocouple.)
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Input delay time: ≤ 150 msec.
Burnout response time (T/C, RTD, potentiometer or resistor
input): ≤ 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com