Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30SVF4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30SVF4S/Q
Description  Remote I/O R30 Series HIGH-SPEED DC VOLTAGE/CURRENT INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30SVF4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30SVF4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30SVF4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30SVF4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30SVF4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30SVF4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30SVF4S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R30SVF4
R30SVF4 SPECIFICATIONS
ES-9023 Rev.3 Page 3/6
https://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
The following parameters can be set with using PC Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Input range
-10 – +10 V DC
-5 – +5 V DC
-1 – +1 V DC
0 – 10 V DC
0 – 5 V DC
1 – 5 V DC
0 – 1 V DC
-0.5 – +0.5 V DC
-20 – +20 mA DC
4 – 20 mA DC
0 – 20 mA DC
-10 – +10 V DC
Fine zero adjustment
-320.00 – +320.00 (%)
0.00 (%)
Fine gain adjustment
-3.2000 – +3.2000
1.0000
Scaled range Zero
-32 000 – +32 000
0
Scaled range Span
-32 000 – +32 000
10 000
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Averaging number
1, 2, 4, 8, 16, 32, 64,
128, 256
1
Simulate input
Normal input
Simulated data
Normal input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com