Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30GCIE1S/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R30GCIE1S/Q
Description  Remote I/O R30 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30GCIE1S/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R30GCIE1S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30GCIE1S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30GCIE1S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30GCIE1S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30GCIE1S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R30GCIE1
R30GCIE1 SPECIFICATIONS
ES-9027 Rev.3 Page 4/5
https://www.m-system.co.jp/
n: initial device
0
0
2 1
3
4
6 5
7
8
A 9
B
C
E D
F
15
RX (n + 1)
RX (n + 0)
RX (n + 2)
RX (n + 7)
■ STATUS
• RX(n+0)0 to 7 is reservation area, RX(n+0)B is used as Ready signal, and the bit is“1” when this module is operating normally.
RX(n+0)8 to A and RX(n+0)C to F are not in use.
• Module Status
RX(n + 1)0 indicates communication status of this unit.
1 = Normal communication
0 = Communication error / timeout
RX(n + 1)1 indicates internal communication status.
1 = Normal communication
0 = Communication stop / communication error
RX(n + 1)2 indicates communication status of field bus built in the interface module.
1 = Normal communication
0 = Communication stop / communication error / timeout
RX(n + 1)3 to F are not in use.
Link devices other than the above are not in use.
Module status
Remote READY
Not in use
EXTERNAL DIMENSIONS unit: mm [inch]
25 [.98]
98 [3.86]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com