Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OQT150-R100-2EP-IO-IR Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OQT150-R100-2EP-IO-IR
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT150-R100-2EP-IO-IR Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OQT150-R100-2EP-IO-IR Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-IR Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-IR Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-IR Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-IR Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT150-R100-2EP-IO-IR
3
Teach-In:
You can use the rotary switch to select the relevant switching threshold A and/or B for teaching in for switch signal Q1 or Q2.
The yellow LEDs indicate the current state of the selected output.
To store a threshold value, press and hold the "TI" button until the yellow and green LEDs flash in phase (approx. 1 s). Teach-In starts when the
"TI" button is released.
Successful Teach-In is indicated by alternating flashing (2.5 Hz) of the yellow and green LEDs.
An unsuccessful Teach-In is indicated by rapidly alternating flashing (8 Hz) of the yellow and green LEDs.
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
Curves/Diagrams
Preferences
X
Distance X [mm]
Offset Y [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
0
20
40
60
80
100
120
140
160
4
3
2
1
0
-1
-2
-3
-4
X
white
grey
black
Distance X [mm]
Object colour
Detection ranges
0
20
40
60
80
100
120
140
160
8
6
4
2
0
-2
-4
-6
-8
0
50
100
150
200
250
X
Distance in mm
Diameter in mm
Light spot diameter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com