Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OQT150-R100-2EP-IO-L Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OQT150-R100-2EP-IO-L
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT150-R100-2EP-IO-L Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OQT150-R100-2EP-IO-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT150-R100-2EP-IO-L
3
Teach-In:
You can use the rotary switch to select the relevant switching threshold A and/or B for teaching in for switch signal Q1 or Q2.
The yellow LEDs indicate the current state of the selected output.
To store a threshold value, press and hold the "TI" button until the yellow and green LEDs flash in phase (approx. 1 s). Teach-In starts when the
"TI" button is released.
Successful Teach-In is indicated by alternating flashing (2.5 Hz) of the yellow and green LEDs.
An unsuccessful Teach-In is indicated by rapidly alternating flashing (8 Hz) of the yellow and green LEDs.
After an unsuccessful Teach-In, the sensor continues to operate with the previous valid setting after the relevant visual fault signal is issued.
Different switching modes can be defined by teaching in the relevant distance measured values
for the switching thresholds A and B:
Single point mode:
Degree of protection
IP67 / IP69 / IP69K
Connection
2 m fixed cable
Material
Housing
PC (Polycarbonate)
Optical face
PMMA
Mass
approx. 36 g
Cable length
2 m
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
FDA approval
IEC 60825-1:2007 Complies with 21 CFR 1040.10 and
1040.11 except for deviations pursuant to Laser Notice No.
50, dated June 24, 2007
Curves/Diagrams
Preferences
X
Distance X [mm]
Offset Y [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
0
50
100
150
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
X
white
grey
black
Distance X [mm]
Object colour
Detection ranges
0
20
40
60
80
100
120
140
160



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com