Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OQT150-R100-2EP-IO-V31 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OQT150-R100-2EP-IO-V31
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT150-R100-2EP-IO-V31 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OQT150-R100-2EP-IO-V31 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-V31 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-V31 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-V31 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT150-R100-2EP-IO-V31 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT150-R100-2EP-IO-V31
2
Technical data
General specifications
Detection range
5 ... 150 mm
Detection range min.
5 ... 20 mm
Detection range max.
5 ... 150 mm
Adjustment range
20 ... 150 mm
Reference target
standard white, 100 mm x 100 mm
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Black/White difference (6 %/90 %)
< 5 % at 150 mm
Diameter of the light spot
approx. 10 mm at a distance of 150 mm
Angle of divergence
approx. 4 °
Ambient light limit
EN 60947-5-2 : 30000 Lux
Functional safety related parameters
MTTFd
600 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green:
constantly on - power on
flashing (4Hz) - short circuit
flashing with short break (1 Hz) - IO-Link mode
Function indicator
LED yellow:
constantly on - switch output active
constantly off - switch output inactive
Control elements
Teach-In key
Control elements
5-step rotary switch for operating modes selection
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
max. 10 %
No-load supply current
I0
< 25 mA at 24 V supply voltage
Protection class
III
Interface
Interface type
IO-Link ( via C/Q = pin 4 )
Device profile
Smart Sensor
Transfer rate
COM 2 (38.4 kBaud)
IO-Link Revision
1.1
Min. cycle time
2.3 ms
Process data witdh
Process data input 2 Bit
Process data output 2 Bit
SIO mode support
yes
Device ID
0x110801 (1116161)
Compatible master port type
A
Output
Switching type
The default setting is:
C/Q - Pin4: NPN normally open, PNP normally closed, IO-Link
Q2 - Pin2: NPN normally open, PNP normally closed
Signal output
2 push-pull (4 in 1)outputs, short-circuit protected, reverse
polarity protected, overvoltage protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA , resistive load
Usage category
DC-12 and DC-13
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
217 Hz
Response time
2.3 ms
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
11 mm
Housing height
44.5 mm
Housing depth
21.5 mm
Degree of protection
IP67 / IP69 / IP69K
Connection
M8 x 1 connector, 4-pin
Material
Housing
PC (Polycarbonate)
Optical face
PMMA
Mass
approx. 10 g
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
Other suitable accessories can be found at
www.pepperl-fuchs.com
Accessories
IO-Link-Master02-USB
IO-Link master, supply via USB port or
separate power supply, LED indicators,
M12 plug for sensor connection
OMH-R10X-01
Mounting bracket
OMH-R10X-02
Mounting bracket
OMH-R10X-04
Mounting bracket
OMH-R10X-10
Mounting bracket
OMH-ML100-03
Mounting aid for round steel ø 12 mm or
sheet 1.5 mm ... 3 mm
OMH-ML100-031
Mounting aid for round steel
ø 10 ... 14 mm or sheet 1 mm ... 5 mm
V31-GM-2M-PUR
Female cordset, M8, 4-pin, PUR cable
V31-WM-2M-PUR
Female cordset, M8, 4-pin, PUR cable



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com