Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OQT350-R200-2EP-IO-L Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OQT350-R200-2EP-IO-L
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT350-R200-2EP-IO-L Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OQT350-R200-2EP-IO-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT350-R200-2EP-IO-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT350-R200-2EP-IO-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT350-R200-2EP-IO-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT350-R200-2EP-IO-L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT350-R200-2EP-IO-L
2
Technical data
General specifications
Detection range
60 ... 350 mm
Detection range min.
60 ... 100 mm
Detection range max.
40 ... 400 mm
Adjustment range
100 ... 350 mm
Reference target
standard white, 100 mm x 100 mm
Light source
laser diode
Light type
modulated visible red light
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
1
Wave length
680 nm
Beam divergence
> 5 mrad, d63 < 2,8 mm in the range of 350 mm ... 800 mm
Pulse length
5.5 µs
Repetition rate
approx. 2.4 kHz
max. pulse energy
< 40 nJ
Black/White difference (6 %/90 %)
< 2 %
Diameter of the light spot
approx. 3 mm at a distance of 350 mm
Angle of divergence
approx. 0.3 °
Ambient light limit
EN 60947-5-2 : 45000 Lux
Functional safety related parameters
MTTFd
560 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green:
constantly on - power on
flashing (4Hz) - short circuit
flashing with short break (1 Hz) - IO-Link mode
Function indicator
LED yellow:
constantly on - switch output active
constantly off - switch output inactive
Control elements
Teach-In key
Control elements
5-step rotary switch for operating modes selection
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
max. 10 %
No-load supply current
I0
< 16 mA at 24 V supply voltage
Protection class
III
Interface
Interface type
IO-Link ( via C/Q = BK )
Device profile
Identification and diagnosis
Smart Sensor type 0
Transfer rate
COM 2 (38.4 kBaud)
IO-Link Revision
1.1
Min. cycle time
2.3 ms
Process data witdh
Process data input 2 Bit
Process data output 2 Bit
SIO mode support
yes
Device ID
0x111802 (1120258)
Compatible master port type
A
Output
Switching type
The default setting is:
C/Q - BK: NPN normally open, PNP normally closed, IO-Link
Q2 - WH: NPN normally open, PNP normally closed
Signal output
2 push-pull (4 in 1)outputs, short-circuit protected, reverse
polarity protected, overvoltage protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA , resistive load
Usage category
DC-12 and DC-13
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
217 Hz
Response time
2.3 ms
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Laser safety
EN 60825-1:2014
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) , fixed cable
-20 ... 60 °C (-4 ... 140 °F) , movable cable not appropriate for
conveyor chains
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
15 mm
Other suitable accessories can be found at
www.pepperl-fuchs.com
Laserlabel
Accessories
IO-Link-Master02-USB
IO-Link master, supply via USB port or
separate power supply, LED indicators,
M12 plug for sensor connection
OMH-MLV12-HWK
Mounting bracket for series MLV12
sensors
OMH-R200-01
Mounting aid for round steel ø 12 mm or
sheet 1.5 mm ... 3 mm
OMH-R20x-Quick-Mount
Quick mounting accessory
OMH-MLV12-HWG
Mounting bracket for series MLV12
sensors
LASER
1
IEC 60825-1:2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com