Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6476R Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6476R
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476R Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6476R Datasheet HTML 9Page - Microchip Technology MCP6476R Datasheet HTML 10Page - Microchip Technology MCP6476R Datasheet HTML 11Page - Microchip Technology MCP6476R Datasheet HTML 12Page - Microchip Technology MCP6476R Datasheet HTML 13Page - Microchip Technology MCP6476R Datasheet HTML 14Page - Microchip Technology MCP6476R Datasheet HTML 15Page - Microchip Technology MCP6476R Datasheet HTML 16Page - Microchip Technology MCP6476R Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 13
MCP6476/6R/6U/7/9
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1, Table 3-2 and Table 3-3.
TABLE 3-1:
PIN FUNCTION TABLE – SINGLES
MCP6476
MCP6476R
MCP6476U
Symbol
Description
5-Lead SC70, SOT-23 5-Lead SOT-23 5-Lead SC70, SOT-23
11
4
VOUT
Analog Output
25
2
VSS
Negative Power Supply
33
1
VIN+
Noninverting Input
44
3
VIN-
Inverting Input
52
5
VDD
Positive Power Supply
TABLE 3-2:
PIN FUNCTION TABLE – DUALS
MCP6477
Symbol
Description
8-Lead MSOP, SOIC
1VOUTA
Analog Output; Op Amp A
2VINA-
Inverting Input; Op Amp A
3VINA+
Noninverting Input; Op Amp A
4VSS
Negative Power Supply
5VINB+
Noninverting Input; Op Amp B
6VINB-
Inverting Input; Op Amp B
7VOUTB
Analog Output; Op Amp B
8VDD
Positive Power Supply
TABLE 3-3:
PIN FUNCTION TABLE – QUADS
MCP6479
Symbol
Description
14-Lead TSSOP, SOIC
1VOUTA
Analog Output; Op Amp A
2VINA-
Inverting Input; Op Amp A
3VINA+
Noninverting Input; Op Amp A
4VDD
Positive Power Supply
5VINB+
Noninverting Input; Op Amp B
6VINB-
Inverting Input; Op Amp B
7VOUTB
Analog Output; Op Amp B
8VOUTC
Analog Output; Op Amp C
9VINC-
Inverting Input; Op Amp C
10
VINC+
Noninverting Input; Op Amp C
11
VSS
Negative Power Supply
12
VIND+
Noninverting Input; Op Amp D
13
VIND-
Inverting Input; Op Amp D
14
VOUTD
Analog Output; Op Amp D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com