Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6479 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6479
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6479 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6479 Datasheet HTML 17Page - Microchip Technology MCP6479 Datasheet HTML 18Page - Microchip Technology MCP6479 Datasheet HTML 19Page - Microchip Technology MCP6479 Datasheet HTML 20Page - Microchip Technology MCP6479 Datasheet HTML 21Page - Microchip Technology MCP6479 Datasheet HTML 22Page - Microchip Technology MCP6479 Datasheet HTML 23Page - Microchip Technology MCP6479 Datasheet HTML 24Page - Microchip Technology MCP6479 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 21
MCP6476/6R/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Device
Marking
MCP6476
AAB3
MCP6476U
AAB4
MCP6476R
AAB5
Note: Applies to 5-Lead SOT-23.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
5-Lead SC70 (MCP6476/6U)
XXNN
Example
GC25
XXXXY
5-Lead SOT-23 (MCP6476/6R/6U)
WWNNN
AAB30
Example
31256
XXXXXXXX
8-Lead SOIC (MCP6477)
XXXXYYWW
NNN
MCP6477
8-Lead SOIC (MCP6477)
SN 2031
256
Device
Marking
MCP6476
GCNN
MCP6476U
GGNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com