Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC100-10 Datasheet(PDF) 2 Page - C&D Technologies

Part # SLC100-10
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-10 Datasheet(HTML) 2 Page - C&D Technologies

  SLC100-10 Datasheet HTML 1Page - C&D Technologies SLC100-10 Datasheet HTML 2Page - C&D Technologies SLC100-10 Datasheet HTML 3Page - C&D Technologies SLC100-10 Datasheet HTML 4Page - C&D Technologies SLC100-10 Datasheet HTML 5Page - C&D Technologies SLC100-10 Datasheet HTML 6Page - C&D Technologies SLC100-10 Datasheet HTML 7Page - C&D Technologies SLC100-10 Datasheet HTML 8Page - C&D Technologies SLC100-10 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
ABSOLUTE MAXIMUM RATINGS, ALL MODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMMON ELECTRICAL SPECIFICATIONS, ALL MODELS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified.
Input Voltage-Operating
Input Voltage-Operating
Operating Ambient Temperature
Storage Temperature
Output Short Circuit Duration
Lead Temperature (Soldering, 10 sec max)
Continuous
75
VDC
Continuous
Transient (100 mS)
100
VDC
-40
85
°C
°C
-40
+125
+300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
36
48
75
VDC
ISOLATION
Input/Output Isolation Voltage
2000
VDC
Capacitance
Input to Output
2000
pF
Resistance
Input to Output
10
MΩ
FEATURES
Turn On Time
Output to within 1% of Vnom
5.00
mS
Remote Sense Compensation
5
% of VNOM
Output Voltage Trim Range
-10
+10
% of VNOM
Output Over Voltage Protection
+120
+140
% of VNOM
Over Temperature Shutdown
Shutdown
Internal Monitor Point
135
°C
Turn On
Internal Monitor Point
125
°C
Input Under Voltage Protection
Turn Off
30.70
32.00
VDC
Turn On
33.30
34.50
VDC
Lockout Hysteresis Voltage
1.30
2.50
VDC
ON/OFF Logic Function
Logic Low Ion/off
360
μA
Logic Low Von/off
0.4
VDC
Logic High Ion/off
1.0
μA
Logic High Von/off
Open
Collector
GENERAL
Switching Frequency
200
KHz
MTTF (per Telcordia TR-332)
1,497,000
Hrs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com