Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6476RT Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP6476RT
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476RT Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP6476RT Datasheet HTML 38Page - Microchip Technology MCP6476RT Datasheet HTML 39Page - Microchip Technology MCP6476RT Datasheet HTML 40Page - Microchip Technology MCP6476RT Datasheet HTML 41Page - Microchip Technology MCP6476RT Datasheet HTML 42Page - Microchip Technology MCP6476RT Datasheet HTML 43Page - Microchip Technology MCP6476RT Datasheet HTML 44Page - Microchip Technology MCP6476RT Datasheet HTML 45Page - Microchip Technology MCP6476RT Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 43
MCP6476/6R/6U/7/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP6476T-E/LT:
Tape and Reel,
Extended Temperature,
5-Lead SC-70 Package.
b) MCP6476T-E/OT:
Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package.
c) MCP6476RT-E/OT: Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package.
d) MCP6476UT-E/LT: Tape and Reel,
Extended Temperature,
5-Lead SC-70 Package.
e) MCP6476UT-E/OT: Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package.
a) MCP6477-E/SN:
Extended Temperature,
8-Lead SOIC Package.
b) MCP6477-E/MS:
Extended Temperature,
8-Lead MSOP Package.
c) MCP6477T-E/SN:
Tape and Reel,
Extended Temperature,
8-Lead SOIC Package.
d) MCP6477T-E/MS:
Tape and Reel,
Extended Temperature,
8-Lead MSOP Package.
a) MCP6479-E/ST:
Extended Temperature,
14-Lead TSSOP Package.
b) MCP6479-E/SL:
Extended Temperature,
14-Lead SOIC Package.
c) MCP6479T-E/ST:
Tape and Reel,
Extended Temperature,
14-Lead TSSOP Package.
d) MCP6479T-E/SL:
Tape and Reel,
Extended Temperature,
14-Lead SOIC Package.
[X](1)
Tape and Reel
Option
Note 1: The Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering purposes
and is not printed on the device package. Check with your
Microchip Sales Office for package availability with the Tape and
Reel option.
2: Automotive parts are AEC-Q100 qualified, Grade 1
Device:
MCP6476T
Single Op Amp (Tape and Reel) (SC70, SOT-23)
MCP6476RT
Single Op Amp (Tape and Reel) (SOT-23)
MCP6476UT
Single Op Amp (Tape and Reel) (SC70, SOT-23)
MCP6477
Dual Op Amp
MCP6477T
Dual Op Amp (Tape and Reel for SOIC, MSOP)
MCP6479
Quad Op Amp
MCP6479T
Quad Op Amp (Tape and Reel for SOIC, TSSOP)
Temperature Range:
E = -40°C to +125°C
Package:
LT
=
Plastic Package (SC70), 5-Lead (MCP6476
only)
OT
=
Plastic Small Outline Transistor (SOT-23),
5-Lead (MCP6476 only)
SN
=
Plastic Small Outline (3.90 mm), 8-Lead
(MCP6477 only)
MS
=
Plastic MSOP, 8-Lead (MCP6477 only)
ST
=
Plastic Thin Shrink Small Outline (4.4 mm),
14-Lead (MCP6479 only)
SL
=
Plastic Small Outline, (3.90 mm),
14-Lead (MCP6479 only)
Class
(Blank)
=
Non-Automotive
VAO
=
Automotive
XXX(2)
Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com