Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33131D Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP33131D
Description  1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33131D Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP33131D Datasheet HTML 17Page - Microchip Technology MCP33131D Datasheet HTML 18Page - Microchip Technology MCP33131D Datasheet HTML 19Page - Microchip Technology MCP33131D Datasheet HTML 20Page - Microchip Technology MCP33131D Datasheet HTML 21Page - Microchip Technology MCP33131D Datasheet HTML 22Page - Microchip Technology MCP33131D Datasheet HTML 23Page - Microchip Technology MCP33131D Datasheet HTML 24Page - Microchip Technology MCP33131D Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
 2017 Microchip Technology Inc.
DS20005947B-page 21
MCP33131D/MCP33121D/MCP33111D-XX
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V,
VREF = 5V, GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33121D-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33121D-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 3-25:
THD/SFDR vs. Input
Amplitude: VREF = 5V.
FIGURE 3-26:
Shorted Input Histogram:
VREF = 5V.
FIGURE 3-27:
Offset and Gain Error vs.
Temperature: VREF = 5V.
FIGURE 3-28:
THD/SFDR vs. Input
Amplitude: VREF = 2.5V.
FIGURE 3-29:
Shorted Input Histogram:
VREF = 2.5V.
FIGURE 3-30:
Offset and Gain Error vs.
Temperature: VREF = 2.5V.
-30
-25
-20
-15
-10
-5
0
Input Amplitude (dBFS)
-105
-100
-95
-90
-85
-80
-75
-70
-65
70
75
80
85
90
95
100
105
110
THD (dB)
SFDR (dB)
V
REF
= 5V
-3
-2
-1
0123
Output Code
0
2
4
6
8
10
10
5
V
REF
= 5V
872448
176128
-40
-20
0
20
40
60
80
100 120 140
Temperature (
oC)
-200
-100
0
100
200
300
400
500
-0.33
-0.16
0
0.16
0.33
0.49
0.66
0.82
Gain Error
Offset Error
V
REF
= 5V
-30
-25
-20
-15
-10
-5
0
Input Amplitude (dBFS)
-105
-100
-95
-90
-85
-80
-75
-70
-65
65
70
75
80
85
90
95
100
105
THD (dB)
SFDR (dB)
V
REF
= 2.5V
-4
-3
-2
-1
0123
Output Code
0
2
4
6
8
10
10
5
V
REF
= 2.5V
844912
203163
501
-40
-20
0
20
40
60
80
100 120 140
Temperature (
oC)
-400
-300
-200
-100
0
100
200
300
-1.3
-0.98
-0.66
-0.33
0
0.33
0.66
0.98
Gain Error
Offset Error
V
REF
= 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com