Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST413JF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST413JF
Description  Crystal Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST413JF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST413JF Datasheet HTML 1Page - List of Unclassifed Manufacturers ST413JF Datasheet HTML 2Page - List of Unclassifed Manufacturers ST413JF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Crystal Clock Oscillator
Technical Data
ST41xx Series
SaRonix
3.3 & 5V, ACMOS, LVCMOS
SaRonix
DS-183
REV C
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894
Package Style
0 = Full Size, Metal
9 = Half Size, Metal
J = Half Size, Metal, Gull Wing
K = Full Size, Metal, Gull Wing
S = True SMD Adaptor
(see product photo)
Frequency Range:
Description
ACTUAL SIZE
A crystal controlled, low-current oscilla-
tor providing precise rise and fall times
to drive ACMOS/LVCMOS loads. The
tri-state function enables the output to go
high impedance. Available in either a 14
or an 8 pin DIP compatible, resistance
welded, all metal case. Pin 7 ( or Pin 4 )
is grounded to case to reduce EMI. True
SMD DIL 14 version also available, uti-
lizing new adaptor technology (see sepa-
rate data sheet for package dimensions).
32 MHz to 125 MHz
Frequency Stability:
±20, ±25, ±50 or ±100 ppm over all conditions: calibration
tolerance, operating temperature, input voltage change, load
change, aging*, shock and vibration.
Temperature Range:
Operating:
Storage:
0 to +70°C or -40 to +85°C
-55 to +125°C
Supply Voltage:
Recommended Operating:
+5V ±5% or 3.3V ±10%
Supply Current:
50mA typ, 65mA, 35mA max @ 3.3V
Output Drive:
Symmetry:
0 to +70°C:
-40 to +85°C:
ACMOS
32 to 60 MHz
45/55%
45/55%
ACMOS
60+ to 125 MHz
45/55%
40/60%
(45/55% @ 3.3V)
TTL
32 to 60 MHz
45/55%
45/55%
TTL
60+ to 125 MHz
45/55%
40/60%
*1 year @ +40°C average ambient operating temperature
Applications & Features
•
•
•
•
•
•
•
•
•
•
Fiber Channel
Gigabit Ethernet
HCMOS/ACMOS/LVCMOS MPU's
3.3 or 5V operation
High Drive capability
Tri-State output standard
Short circuit protected output
Plastic SMD available, see ST41xH
Series data sheet.
Ceramic SMD available, see S19xx
Series data sheet.
True SMD version available, select
option S in part number builder (see
separate data sheet for package dimen-
sions).
2ns max 20% to 80% VDD
1.5ns max 0.5 to 2.5V
10% VDD max or 20% VDD max @ 3.3V
80% VDD min or 80% VDD min @ 3.3V
50
Ω ACMOS or 95Ω ACMOS @ 3.3V
13ps max 32 to 72 MHz
20ps max 72+ to 125 MHz, 0 to +70°C
25ps max 72+ to 125 MHz, -40 to +85°C
Rise & Fall Times:
Logic 0:
Logic 1:
Load:
Period Jitter RMS:
Mechanical:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2004, Condition B2
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition A, B or C
( I or J for Gull Wing or SMD)
Shock:
Solderability:
Terminal Strength:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014, Condition C
MIL-STD-883, Method 1014, Condition A2
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Part Numbering Guide
ST41 3 0 A – 106.2500 (T)
Series
Type
3 = 3.3V LVCMOS
5 = 5V TTL
6 = 5V ACMOS
Stability Tolerance
AA = ±20 ppm, 0 to +70°C
A = ±25 ppm, 0 to +70°C
B = ±50 ppm, 0 to +70°C
C = ±100 ppm, 0 to +70°C
E = ±50 ppm, -40 to +85°C
F = ±100 ppm, -40 to +85°C
Frequency
Packing Method
(T) = Tape & Reel for SMD versions
full reel increments only (200pcs)
Blank = Bulk


Similar Part No. - ST413JF

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
Power Inductor for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA100_LZ COILCRAFT-ST413RAA100_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA101_LZ COILCRAFT-ST413RAA101_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
ST413RAA102_LZ COILCRAFT-ST413RAA102_LZ Datasheet
229Kb / 2P
Chip Inductors for Critical Applications
More results

Similar Description - ST413JF

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020184 IQD-LFSPXO020184 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020465 IQD-LFSPXO020465 Datasheet
1,023Kb / 2P
Crystal Clock Oscillator
LFSPXO056218 IQD-LFSPXO056218 Datasheet
139Kb / 1P
Crystal Clock Oscillator
LFSPXO056220 IQD-LFSPXO056220 Datasheet
138Kb / 1P
Crystal Clock Oscillator
LFSPXO056245 IQD-LFSPXO056245 Datasheet
229Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com