Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSTRG28PLCC Datasheet(PDF) 53 Page - Texas Instruments

Part # EDSTRG28PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCC Datasheet(HTML) 53 Page - Texas Instruments

Back Button EDSTRG28PLCC Datasheet HTML 49Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 50Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 51Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 52Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 53Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 54Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 55Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 56Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
RELIABILITY STRESS TESTS
2–7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 2. Definitions of Microprocessor Testing Terms (Continued)
TERM
DEFINITION/DESCRIPTION
REFERENCES
Thermal Shock
Test similar to the temperature cycle test, but involving a
liquid-to-liquid transfer.
MIL-STD-883C, Method 1011
Particle Impact Noise Detection
(PIND)
A nondestructive test to detect loose particles inside a device
cavity.
Mechanical Sequence
Fine and gross leak
Mechanical shock
PIND (optional)
Vibration, variable frequency
Constant acceleration
Fine and gross leak
Electrical test
MIL-STD-883C, Method 1014
MIL-STD-883C, Method 2002,
1500 g, 0.5 ms, Condition B
MIL-STD-883C, Method 2020
MIL-STD-883C, Method 2007,
20g, Condition A
MIL-STD-883C, Method 2001
MIL-STD-883C, Method 1014
To data sheet limits
Thermal Sequence
Fine and gross leak
Solder heat (optional)
Temperature cycle
(10 cycles minimum)
Thermal shock
(10 cycles minimum)
Moisture resistance
Fine and gross leak
Electrical test
MIL-STD-883C, Method 1014
MIL-STD-750C, Method 1014
MIL-STD-883C, Method 1010,
– 65 to + 150
°C, Condition C
MIL-STD-883C, Method 1011,
– 55 to +125
°C, Condition B
MIL-STD-883C, Method 1004
MIL-STD-883C, Method 1014
To data sheet limits
Thermal/Mechanical Sequence
Fine and gross leak
Temperature cycle
(10 cycles minimum)
Constant acceleration
Fine and gross leak
Electrical test
Electrostatic discharge
Solderability
Solder heat
Salt atmosphere
Lead pull
Lead integrity
Electromigration
Resistance to solvents
MIL-STD-883C, Method 1014
MIL-STD-883C, Method 1010,
– 65 to +150
°C, Condition C
MIL-STD-883C, Method 2001,
30 kg, Y1 Plane
MIL-STD-883C, Method 1014
To data sheet limits
MIL-STD-883C, Method 3015
MIL-STD-883C, Method 2033
MIL-STD-750C, Method 2031,
10 sec
MIL-STD-883C, Method 1009,
Condition A, 24 hrs min
MIL-STD-883C, Method 2004,
Condition A
MIL-STD-883C, Method 2004,
Condition B1
Accelerated stress testing of con-
ductor patterns to ensure accept-
able lifetime of power-on operation
MIL-STD-883C, Method 2015
Texas Instruments reserves the right to make changes in semiconductor test limits, procedures, or processes
without notice. Unless prior arrangements for notification have been make, TI advises all customers to verify
current test and manufacturing conditions prior to relying on published data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com