Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNPC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VNPC
Description  Vitreous Wirewound Power Resistor, Flat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VNPC Datasheet(HTML) 2 Page - Vishay Siliconix

  VNPC Datasheet HTML 1Page - Vishay Siliconix VNPC Datasheet HTML 2Page - Vishay Siliconix VNPC Datasheet HTML 3Page - Vishay Siliconix VNPC Datasheet HTML 4Page - Vishay Siliconix VNPC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VNPC
www.vishay.com
Vishay MCB
Revision: 08-Aug-16
2
Document Number: 32505
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND WEIGHT in g
TYPE
150
120
90
50
30
A
150 ± 3
120 ± 2.4
90 ± 1.8
50 ± 1
30 ± 0.6
a
140.2 ± 3
110 ± 2.4
78.5 ± 1.8
38.3 ± 1
18.9 ± 0.6
Mass
64
51
39
25
15
DIMENSIONS SUPPORTER Z in millimeters AND WEIGHT in g
INSULATED MOUNTING ALLOWS DE-STACKING
TYPE
150
120
90
50
30
X
168 ± 3
136 ± 2.4
108 ± 2
68 ± 1
48 ± 0.5
L
182 ± 3
152 ± 2.4
122 ± 2
82 ± 1
62 ± 0.5
Mass
44
44
4
SPECIFIC NON-INDUCTIVE “A” VNPC MODEL CHARACTERISTICS
TYPE
150A
120A
90A
50A
30A
Rmin.
4.7
3.9
2.7
1.8
1.0
Rmax.
560
470
330
150
68
2 ± 0.5
10
+2
-1
0.7
+0.3
-0.1
+0.5
0
+0.2
0
6.35
a
Ø 3.2
1.6 mini
A
Ø 8
Ø 5.2
L
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com