Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802FP Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # STTH802FP
Description  8.0A GLASS PASSIVATED ULTRAFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

STTH802FP Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  STTH802FP Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd STTH802FP Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ltage
@I
1.7
1.3
Mounting Position: Any
Polarity: See Diagram
Terminals: Plated Leads Solderable per
High Surge Current Capability
Low Forward Voltage Drop
Glass Passivated Die Construction
STTH8005 FP – STTH810FP
Features
!
!
Ultra-Fast Switching
!
!
Low Reverse Leakage Current
!
!
Plastic Material has UL Flammability
Classification 94V-O
               
Mechanical Data
!
!
MIL-STD-202, Method 208
!
!
!
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
STTH
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
RMS Reverse Voltage
VR(RMS)
35
Average Rectified Output Current
@TC = 105°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Vo
F= 8.0A
VFM
0.95
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
400
µA
Reverse Recovery Time (Note 1)
trr
50
75
nS
Typical Junction Capacitance (Note 2)
Cj
65
55
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
STTH8005 FP – STTH810FP
www.senocn.com
8005 FP
V
V
100
70
200
140
300
210
400
280
600
420
800
560
1000
700
V
Case: ITO-220AC, Molded Plastic
Weight: 1.81 grams (approx.)
STTH
801FP
STTH
802FP
STTH
803FP
STTH
805 FP
STTH
806FP
STTH
808FP
STTH
810FP
Z ibo Seno Electronic Engineering Co., Ltd.
8.0A GLASS PASSIVATED ULTRAFAST DIODE
A
PIN1
3
D
F
E
J
K
ITO-220AC
Dim
Min
Max
A
14.50
15.50
B
9.50
10.50
C
2.55
2.90
D
3.30
4.30
E
13.00
14.00
F
0.30
0.90
G
3.00 Ø
3.80 Ø
H
6.30
7.30
I
4.20
4.80
J
2.50
2.90
K
0.47
0.75
L
2.50
3.10
P
4.88
5.28
All Dimensions in mm
C
B
G
P
I
L
H
PIN 1 +
+
PIN 3 -
Case


Similar Part No. - STTH802FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH802FP STMICROELECTRONICS-STTH802FP Datasheet
143Kb / 11P
Ultrafast recovery diode
22-Sep-2006
logo
Inchange Semiconductor ...
STTH802FP ISC-STTH802FP Datasheet
241Kb / 2P
Ultra fast Rectifier
More results

Similar Description - STTH802FP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF800 WTE-UF800 Datasheet
47Kb / 3P
8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800F WTE-UF800F Datasheet
47Kb / 3P
8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800 WTE-UF800_06 Datasheet
50Kb / 4P
8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF800F WTE-UF800F_06 Datasheet
49Kb / 4P
8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Zibo Seno Electronic En...
UF250G ZSELEC-UF250G Datasheet
88Kb / 2P
2.5A GLASS PASSIVATED ULTRAFAST DIODE
UF500G ZSELEC-UF500G Datasheet
87Kb / 2P
5A GLASS PASSIVATED ULTRAFAST DIODE
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG5001 ZSELEC-UG5001 Datasheet
84Kb / 2P
5A GLASS PASSIVATED ULTRAFAST DIODE
STTH8005D ZSELEC-STTH8005D Datasheet
100Kb / 2P
8.0A GLASS PASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com