Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1222-7L-RX Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MP1222-7L-RX
Description  THERMOCOUPLE INPUT LIMIT ALARM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MP1222-7L-RX Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MP1222-7L-RX Datasheet HTML 1Page - M-System Co.,Ltd. MP1222-7L-RX Datasheet HTML 2Page - M-System Co.,Ltd. MP1222-7L-RX Datasheet HTML 3Page - M-System Co.,Ltd. MP1222-7L-RX Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP1200-1223
ES-9803 Rev.6
Specifications subject to change without notice.
INPUT & OUTPUT
sINPUT:
thermocouples
Span:
standard span 10mV min., narrow span
3mV min.
Zero suppression/elevation: max. 1.5 times span
Input resistance: 10k
Ω minimum
Burnout sensing: 0.1
µA
Minimum span requirement*
INSTALLATION
Power input
AC:
rating
±10%, 50/60 ±2 Hz, approx. 2VA
DC:
rating
±10% (ripple 10% p-p max.)
80mA at 24V, 160mA at 12V
Operating temperature: -5 to +60
°C (23 to 140°F)
Storage temperature: -20 to +85
°C (-5 to +185°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: surface (DIN rail available for 11-pin base)
Dimensions
11-pin base: W50
×H80×D132 mm
(1.97"
×3.15"×5.20")
See General Spec. Sheet Figure A.
20-pin base: W80
×H101×D136 mm
(3.15"
×3.98"×5.35")
See General Spec. Sheet Figure B.
Weight:
400 g (0.88 lbs)
PERFORMANCE in percentage of span
Repeatability:
±0.2%
Cold junction compensation error
(at 20
°C ±10°C or 68°F ±18°F)
K, E, J & T:
±0.5°C or ±0.9°F maximum
S, R & PR:
±1°C or ±1.8°F maximum
Temp. coefficient:
±0.05%/°C (±0.027%/°F)
Response time: 100 milliseconds, typical
Burnout response: 1 second
Common mode rejection
60 Hz:
greater than 120 dB
DC:
greater than 140 dB
Line voltage effect:
±0.1% over voltage range
Insulation resistance:
≥100MΩ with 500V DC
Dielectric strength: 1000V AC @1 minute
(input to output to power)
2000V AC @1 minute (output to ground)
P. 2 / 4
STANDARD (
≥10mV)
NARROW (<10mV)
T/C
°C
°F
°C
°F
R
962
1751
361
665
S
1036
1883
373
686
K (CA)
247
445
74
135
E (CRC)
153
282
50
92
J (IC)
186
339
58
106
T (CC)
214
394
73
135
Others
Consult factory or representatives.
*Approximate values to obtain minimum e.m.f. span for your
reference. Consult thermocouple reference tables, factory or
representatives for confirmation.
sREMOTE SETPOINT INPUT
MP12X2:
potentiometer; any value of 1k – 100k
Ω;
excitation 4V
MP12X3:
0 – 1V DC
sRELAY CONTACT OUTPUT
•Single/Latching: isolated DPDT relay; de-energized
at trip
•Dual:
isolated SPDT relay; energized at trip
Rating:
120V AC @3A (cosø=1)
30V DC @3A (resistive load)
Relay life
Electrical: 105 cycles
Mechanical: 107 cycles
For maximum relay life with inductive
loads, external protection is recommended.
sVOLTAGE OUTPUT (Option V): 24V DC average;
Drives 1.2k
Ω or greater coil impedance
sTRANSMITTER OUTPUT (Option T): 0 – 1V DC;
1mA max. (setpoint and process input)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com