Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1203-0L-RX Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MP1203-0L-RX
Description  THERMOCOUPLE INPUT LIMIT ALARM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MP1203-0L-RX Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MP1203-0L-RX Datasheet HTML 1Page - M-System Co.,Ltd. MP1203-0L-RX Datasheet HTML 2Page - M-System Co.,Ltd. MP1203-0L-RX Datasheet HTML 3Page - M-System Co.,Ltd. MP1203-0L-RX Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES-9803 Rev.6
MODEL
Limit Alarms M-PAC
MP1200-1223
Functions & Features
• Accepting standard thermocouple inputs and pro-
viding relay contact closure(s) at a preset input level
• Cold junction compensation and upscale burnout
protection as standard • Downscale or no burnout
optional • Single, latching or dual setpoint • Failsafe
operation available • Deadband adjustable from 1
to 100% • Indicator LED provided
Typical Applications
• Annunciator • Various alarm applications
MODEL & SUFFIX CODE SELECTION
ORDERING INFORMATION
Specify code number and variables.
•Code number (e.g. MP1200-2-F/T/V)
•Temperature range (e.g. 0 – 800
°C)
GENERAL SPECIFICATIONS
Construction: plug-in
Connection: M3.5 screw terminals on base socket
Housing material: flame-resistant resin (black)
Isolation:
input to output to power
(non-isolated between I/O with Option V)
Zero/span adjustments:
±5% (front)
Setpoint adjustments: front accessed three-turn
screwdriver, remote dial potentiometer
or DC input
Deadband adjustments: front accessed single-turn
screwdriver; 1 – 100%
Front LEDs: red lights turn on at a tripped condition
Burnout protection: upscale standard; downscale or
no burnout optional
Cold junction compensation: CJC sensor attached
to the input terminals
Power ON timer: relays de-energized for approx. 2
seconds after power is turned on.
THERMOCOUPLE INPUT LIMIT ALARM
P. 1 / 4
MP12uuuu/u
MODEL
INPUT TYPE
2 : Thermocouple
RELAY CONTACT OUTPUT
0 : Single (Hi) trip, non-latching
1 : Single (Hi) trip, latching
2 : Dual (Hi/Lo) trip, non-latching
SETPOINT CONTROL
0 : Front-accessed three-turn screwdriver adjust.
2 : Remote dial connections (total resistance 1k – 100k
Ω)
3 : DC programmable (0 – 1V)
INPUT THERMOCOUPLE
Srandard Span
(10mV
≤EMF)
1 :
(PR)
2 : K (CA)
3 : E (CRC)
4 : J (IC)
5 : T (CC)
6 : B (RH)
7 :R
8 :S
0 : Specify
POWER INPUT
F : 120V AC
J : 240V AC
R : 24V DC
S : 12V DC
OPTIONS
H : Latching operation for dual trip (122X only);
Reset at power off (5 seconds min.)
R : Reversed relay sense
T : Transmitter output (0 – 1V DC)
V : Relay drive voltage output
X : Lo-trip sense for single trip; Lo/Lo for dual trip
Y : Hi/Hi-trip sense for dual trip (122X only)
Narrow Span
(3mV
≤EMF<10mV)
1L:
(PR)
2L: K (CA)
3L: E (CRC)
4L: J (IC)
5L: T (CC)
6L: B (RH)
7L:R
8L:S
0L: Specify
M•PAC
LIMIT ALARM
SET 2
SET 1
SET 2
DEADBAND
SET 1
DEADBAND
SPAN
ZERO
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)


Similar Part No. - MP1203-0L-RX

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP120 CTS-MP120 Datasheet
133Kb / 5P
Quartz Crystal
logo
Multicomp Pro
MP1200 MULTICOMP-MP1200 Datasheet
1Mb / 3P
Professional Jack Sockets 6.35mm
16/09/21 V1.0
MP1206B105J250CT MULTICOMP-MP1206B105J250CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
MP1206B106K6R3CT MULTICOMP-MP1206B106K6R3CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
MP1206B154J101CT MULTICOMP-MP1206B154J101CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
More results

Similar Description - MP1203-0L-RX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
Thermocouple Input Modules
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
Isolated, Thermocouple Input
5B37 AD-5B37 Datasheet
699Kb / 8P
Isolated Thermocouple Input
REV. 0
logo
Grayhill, Inc
73G-ITCJ GRAYHILL-73G-ITCJ Datasheet
126Kb / 2P
Thermocouple Input Modules
logo
M-System Co.,Ltd.
MP1800-1823 MSYSTEM-MP1800-1823 Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
MP1700-1723 MSYSTEM-MP1700-1723 Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1600-1623 MSYSTEM-MP1600-1623 Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1400-1423 MSYSTEM-MP1400-1423 Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1000-1023 MSYSTEM-MP1000-1023 Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
R3-AT4 MSYSTEM-R3-AT4 Datasheet
136Kb / 4P
Remote I/O R3 Series THERMOCOUPLE INPUT ALARM MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com