Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBD800-R103-2EP-IO Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBD800-R103-2EP-IO
Description  Diffuse mode sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBD800-R103-2EP-IO Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBD800-R103-2EP-IO Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBD800-R103-2EP-IO Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBD800-R103-2EP-IO Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBD800-R103-2EP-IO Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Diffuse mode sensor
OBD800-R103-2EP-IO
2
Technical data
General specifications
Detection range
2 ... 800 mm
Detection range min.
20 ... 40 mm
Adjustment range
40 ... 800 mm
Reference target
standard white, 100 mm x 100 mm
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Diameter of the light spot
approx. 55 mm at a distance of 800 mm
Angle of divergence
3.7 °
Ambient light limit
EN 60947-5-2
Functional safety related parameters
MTTFd
724 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green:
constantly on - power on
flashing (4Hz) - short circuit
flashing with short break (1 Hz) - IO-Link mode
Function indicator
LED yellow:
constantly on - object detected
constantly off - object not detected
Control elements
Light-on/dark-on changeover switch
Control elements
sensitivity adjustment
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
max. 10 %
No-load supply current
I0
< 25 mA at 24 V supply voltage
Protection class
III
Interface
Interface type
IO-Link ( via C = pin 4 )
Transfer rate
COM 2 (38.4 kBaud)
IO-Link Revision
1.1
Min. cycle time
2.3 ms
Process data witdh
Process data input 1 Bit
Process data output 2 Bit
SIO mode support
yes
Device ID
0x110103 (1114371)
Compatible master port type
A
Output
Switching type
The switching type of the sensor is adjustable. The default
setting is:
C/Q - BK: NPN normally open / light-on, PNP normally closed /
dark-on, IO-Link
/Q - WH: NPN normally closed / dark-on, PNP normally open /
light-on
Signal output
2 push-pull (4 in 1)outputs, short-circuit protected, reverse
polarity protected, overvoltage protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA , resistive load
Usage category
DC-12 and DC-13
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
1000 Hz
Response time
0.5 ms
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) , fixed cable
-25 ... 60 °C (-13 ... 140 °F) , movable cable not appropriate for
conveyor chains
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
15 mm
Housing height
36.5 mm
Housing depth
26.7 mm
Degree of protection
IP67 / IP69 / IP69K
Connection
2 m fixed cable
Material
Housing
PC (Polycarbonate)
Optical face
PMMA
Mass
approx. 38 g
Cable length
2 m
Approvals and certificates
Other suitable accessories can be found at
www.pepperl-fuchs.com
Accessories
IO-Link-Master02-USB
IO-Link master, supply via USB port or
separate power supply, LED indicators,
M12 plug for sensor connection
OMH-R103-01
Mounting bracket
OMH-R101-Front
Mounting Clamp
OMH-R101
Mounting Clamp
OMH-4.1
Mounting Clamp
OMH-ML6
Mounting bracket
OMH-ML6-U
Mounting bracket
OMH-ML6-Z
Mounting bracket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com