Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBD800-R103-EP-IO-V3 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBD800-R103-EP-IO-V3
Description  Diffuse mode sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBD800-R103-EP-IO-V3 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBD800-R103-EP-IO-V3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBD800-R103-EP-IO-V3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBD800-R103-EP-IO-V3 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBD800-R103-EP-IO-V3 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Diffuse mode sensor
OBD800-R103-EP-IO-V3
4
To unlock the adjustment functions turn the sensing range adjuster / sensitivity adjuster for more than 180 degrees.
Sensing Range/ Sensitivity
Turn sensing range / sensitivity adjuster clockwise to increase sensing range / sensitivity.
Turn sensing range / sensitivity adjuster counter clockwise to decrease sensing range / sensitivity.
If the end of the adjustment range is reached, the signal indicator starts flashing with 8 Hz.
Light-on / Dark-on Configuration
Press the light-on / dark-on changeover switch for more than 1 second (less than 4 seconds). The light-on / dark-on mode chang-
es and the operating indicators are activated accordingly.
If you press the light-on / dark-on changeover switch for more than 4 seconds, the light-on /dark-on mode changes back to the
original setting. On release of the light-on / dark-on changeover switch the current state is activated.
Restore Factory Settings
Press the light-on / dark-on changeover switch for more than 10 seconds (less than 30 seconds) until all LEDs turn off. On release
of the light-on / dark-on changeover switch the signal indicator turns on. After 5 seconds the sensor resumes operation with
factory default settings.
After 5 minutes of inactivity the sensing range / sensitivity adjustment is locked. In order to reactivate the sensing range / sensi-
tivity adjustment, turn the sensing range / sensitivity adjuster for more than 180 degrees.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com