Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7792 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7792
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7792 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7792 Datasheet HTML 9Page - Analog Devices AD7792 Datasheet HTML 10Page - Analog Devices AD7792 Datasheet HTML 11Page - Analog Devices AD7792 Datasheet HTML 12Page - Analog Devices AD7792 Datasheet HTML 13Page - Analog Devices AD7792 Datasheet HTML 14Page - Analog Devices AD7792 Datasheet HTML 15Page - Analog Devices AD7792 Datasheet HTML 16Page - Analog Devices AD7792 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary Technical Data
AD7792/AD7793
REV.PrF 6/04 | Page 13
STATUS REGISTER (RS2, RS1, RS0 = 0, 0, 0; POWER-ON/RESET = 0x80 (AD7792) / 0x88 (AD7793))
The status register is an 8-bit read-only register. To access the ADC status register, the user must write to the communications register,
select the next operation to be a read, and load bits RS2, RS1 and RS0 with 0. Table 7 outlines the bit designations for the status register.
SR0 through SR7 indicate the bit locations, SR denoting the bits are in the status register. SR7 denotes the first bit of the data stream. The
number in brackets indicates the power-on/reset default status of that bit.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY(1)
ERR(0)
0(0)
0(0)
0/1
CH2(0)
CH1(0)
CH0(0)
Table 7. Status Register Bit Designations
Bit Location
Bit Name
Description
SR7
RDY
Ready bit for ADC. Cleared when data is written to the ADC data register. The RDY bit is set automatically
after the ADC data register has been read or a period of time before the data register is updated with a
new conversion result to indicate to the user not to read the conversion data. It is also set when the part
is placed in power-down mode. The end of a conversion is indicated by the DOUT/RDY pin also. This pin
can be used as an alternative to the status register for monitoring the ADC for conversion data.
SR6
ERR
ADC Error Bit. This bit is written to at the same time as the RDY bit. Set to indicate that the result written
to the ADC data register has been clamped to all 0s or all 1s. Error sources include overrange,
underrange. Cleared by a write operation to start a conversion.
SR5-SR4
0
These bits are automatically cleared.
SR3
0/1
This bit is automatically cleared on the AD7792 and is automatically set on the AD7793.
SR2–SR0
CH2–CH0
These bits indicate which channel is being converted by the ADC.
MODE REGISTER (RS2, RS1, RS0 = 0, 0, 1; POWER-ON/RESET = 0x000A)
The mode register is a 16-bit register from which data can be read or to which data can be written. This register is used to select the oper-
ating mode, update rate and clock source. Table 8 outlines the bit designations for the mode register. MR0 through MR15 indicate the bit
locations, MR denoting the bits are in the mode register. MR15 denotes the first bit of the data stream. The number in brackets indicates
the power-on/reset default status of that bit. Any write to the setup register resets the modulator and filter and sets the RDY bit.
MR15
MR14
MR13
MR12
MR11
MR10
MR9
MR8
MD2(0)
MD1(0)
MD0(0)
0(0)
0(0)
0(0)
0(0)
0(0)
MR7
MR6
MR5
MR4
MR3
MR2
MR1
MR0
CLK1(0)
CLK0(0)
0(0)
0(0)
FS3(1)
FS2(0)
FS1(1)
FS0(0)
Table 8. Mode Register Bit Designations
Bit Location
Bit Name
Description
MR15–MR13
MD2–MD0
Mode Select Bits. These bits select the operational mode of the AD7792/AD7793 (See
Table 9).
MR12-MR8
0
These bits must be programmed with a Logic 0 for correct operation.
MR7-MR6
CLK1-CLK0
These bits are used to select the clock source for the AD7792/AD7793. Either on on-chip 64 kHz clock
can be used or an external clock can be used. The ability to override use an external clock is useful as it
allows several AD7792/AD7793 devices to be synchronised. Also, 50 Hz/60 Hz is improved when an
accurate external clock drives the AD7792/AD7793.
CLK1
CLK0
ADC Clock Source
0
0
Internal 64 kHz Clock, Internal Clock is not available at the CLK pin
0
1
Internal 64 kHz Clock. This clock is made available at the CLK pin
1
0
External 64 kHz Clock used. An Exernal clock gives better 50 Hz/60 Hz rejection. The
external clock can have a 45:55 duty cycle.
1
1
External Clock used. This external clock is divided by 2 within the AD7792/AD7793.
This allows the user to supply a clock which has a duty cycle worse than a 45:55 duty
cycle to the AD7792/AD7793, for example, a 128 kHz clock.
MR5-MR4
0
These bits must be programmed with a Logic 0 for correct operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com