Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLJ1005HXG56NETD0B Datasheet(PDF) 1 Page - TDK Electronics

Part # MLJ1005HXG56NETD0B
Description  SMD / SMT Inductors (Coils)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLJ1005HXG56NETD0B Datasheet(HTML) 1 Page - TDK Electronics

  MLJ1005HXG56NETD0B Datasheet HTML 1Page - TDK Electronics MLJ1005HXG56NETD0B Datasheet HTML 2Page - TDK Electronics MLJ1005HXG56NETD0B Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD / SMT Inductors (Coils)
1 of 3
Creation Date : July 28, 2021 (GMT)
MLJ1005HXG56NETD0BNew
Product
RoHS Reach Halogen Free Pb Free
Applications
Commercial Grade
Feature
Multilayer
Multilayer
Shield
Magnetic Shield
Ferrite Core
Ferrite Core
Series | Type
MLJ
Status
Production
Brand
TDK
Size
Length(L)
1.00mm ±0.10mm
Width(W)
0.60mm ±0.05mm
Thickness | Height
0.60mm ±0.05mm
Recommended Land Pattern (A)
0.50mm Nom.
Recommended Land Pattern (B)
0.40mm Nom.
Recommended Land Pattern (C)
0.66mm Nom.
Electrical Characteristics
Inductance
56nH ±4nH at 13.56MHz
Rated Current (L Change) [Typ.]
Rated Current (L Change) [Max.]
Rated Current (Temperature Rise) [Typ.]
Rated Current (Temperature Rise) [Max.]
950mA (40°C Rise)
DC Resistance [Typ.]
DC Resistance [Max.]
325mΩ
Self Resonant Frequency [Min.]
Self Resonant Frequency [Typ.]
Q [Min.]
Q [Typ.]
14 at 13.56MHz
Other
Operating Temp. Range (Including Self-Temp. Rise)
-55 to 125°C
Soldering Method
Reflow
Iron Soldering
AEC-Q200
NO
Packing
Punched (Paper)Taping [180mm Reel, Tape width 8mm]
Package Quantity
10000pcs
Weight
0.0018g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - MLJ1005HXG56NETD0B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLJ1005HXG82NJTD0B TDK-MLJ1005HXG82NJTD0B Datasheet
179Kb / 3P
Inductors (Coils)
MLJ1005HXG91NJTD0B TDK-MLJ1005HXG91NJTD0B Datasheet
180Kb / 3P
Inductors (Coils)
MLJ1005HXGR16JTD0B TDK-MLJ1005HXGR16JTD0B Datasheet
180Kb / 3P
Inductors (Coils)
MLJ1005HXGR18JTD0B TDK-MLJ1005HXGR18JTD0B Datasheet
180Kb / 3P
Inductors (Coils)
MLJ1005HXGR20JTD0B TDK-MLJ1005HXGR20JTD0B Datasheet
181Kb / 3P
Inductors (Coils)
More results

Similar Description - MLJ1005HXG56NETD0B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6550T-6R8M-HZ TDK-SPM6550T-6R8M-HZ Datasheet
293Kb / 3P
SMD / SMT Inductors (Coils)
SPM6550T-220M-HZ TDK-SPM6550T-220M-HZ Datasheet
295Kb / 3P
SMD / SMT Inductors (Coils)
SPM6545VT-680M-D TDK-SPM6545VT-680M-D Datasheet
227Kb / 3P
SMD / SMT Inductors (Coils)
SPM6530T-6R8M-HZ TDK-SPM6530T-6R8M-HZ Datasheet
287Kb / 3P
SMD / SMT Inductors (Coils)
SPM6530T-100M-HZ TDK-SPM6530T-100M-HZ Datasheet
308Kb / 3P
SMD / SMT Inductors (Coils)
SPM10040T-1R5M-HZ TDK-SPM10040T-1R5M-HZ Datasheet
278Kb / 3P
SMD / SMT Inductors (Coils)
SPM6530T-3R3M-HZ TDK-SPM6530T-3R3M-HZ Datasheet
306Kb / 3P
SMD / SMT Inductors (Coils)
SPM5030VT-R15M-D TDK-SPM5030VT-R15M-D Datasheet
227Kb / 3P
SMD / SMT Inductors (Coils)
B82472D6473M000 TDK-B82472D6473M000 Datasheet
153Kb / 2P
SMD / SMT Inductors (Coils)
HPL505032F1070MRD3P TDK-HPL505032F1070MRD3P Datasheet
239Kb / 3P
SMD / SMT Inductors (Coils)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com