Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-AS4 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-AS4
Description  Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-AS4 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-AS4 Datasheet HTML 1Page - M-System Co.,Ltd. R3-AS4 Datasheet HTML 2Page - M-System Co.,Ltd. R3-AS4 Datasheet HTML 3Page - M-System Co.,Ltd. R3-AS4 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3-AS4
R3-AS4 SPECIFICATIONS
ES-8439 Rev.7 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
ON
8
7
6
5
4
3
2
1
SW1
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
■ FRONT VIEW
■ SIDE VIEW
ERR LED
RUN LED
Conv.
Rate
Input 2 (SW1)
or
Input 4 (SW2)
Range
Input 1 (SW1)
or
Input 3 (SW2)
Functions
OUTPUT DATA DESCRIPTIONS
Four alarm setpoints are selectable per each input. One (1) word (16 bit) data is transmitterd to the PLC or the host device via
the R3 network module.
0
15
Alarm 1
Alarm 2
Input 1
Alarm 3
Alarm 4
Alarm 1
Alarm 2
Input 2
Alarm 3
Alarm 4
Alarm 1
Alarm 2
Input 3
Alarm 3
Alarm 4
Alarm 1
Alarm 2
Input 4
Alarm 3
Alarm 4
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com