Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-AS8 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-AS8
Description  Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-AS8 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-AS8 Datasheet HTML 1Page - M-System Co.,Ltd. R3-AS8 Datasheet HTML 2Page - M-System Co.,Ltd. R3-AS8 Datasheet HTML 3Page - M-System Co.,Ltd. R3-AS8 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-AS8
R3-AS8 SPECIFICATIONS
ES-8440 Rev.7 Page 2/4
https://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 160 / 80 / 40 / 20 msec. selectable
Data range: 0 – 10000 of the input range
Data allocation: 4
Current consumption: 100 mA
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to input 5 to input 6 to input 7 to
input 8 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
0 – 20 mA
-20 – +20 mA
RANGE
RATE
160 msec.
80 msec.
40 msec.
20 msec.
±0.05%
±0.1%
±0.2%
±0.4%
±0.1%
±0.2%
±0.4%
±0.8%
4 – 20 mA
±0.1%
±0.2%
±0.4%
±0.8%
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
ALARM SETTING
The following parameters are programmable using the PC
Configurator Software (model: R3CON).
■ALARM TRIP POINT (-15.00 to +115.00 %;
factory set to A1: 80.00, A2: 60.00, A3: 40.00, A4: 20.00)
Four alarm setpoints are selectable per each input.
■ALARM TYPE
(High or Low; factory set to A1: High, A2: High, A3: Low,
A4: Low)
High or Low alarm is selectable for each alarm trip point.
High alarm: An alarm is set when the input signal goes
above the setpoint.
Low alarm: An alarm is set when the input signal goes below
the setpoint.
■DEADBAND (HYSTERESIS)
(0.00 to 100.00 %; factory set to 5.00)
Deadband (deviation between the points where the alarm is
set and reset) is selectable for each alarm trip point.
■ALARM ON DELAY TIME
(0.0 to 99.0 seconds; factory set to 1.0)
The alarm output is set when the preset time elapses after
the input has entered in the alarm range.
This setting is common to all 8 points.
■POWER ON DELAY TIME
(0.0 to 99.0 seconds; factory set to 5.0)
The alarm output start functioning in the preset time after
the power has been turned on.
This setting is common to all 8 points.
■ALARM HOLD TIME
(0.0 to 99.0 seconds; factory set to 1.0)
The alarm output is held for the preset time even if it is
reset in shorter time.
This setting is common to all 8 points.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com