Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-AS4S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-AS4S/Q
Description  Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-AS4S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-AS4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-AS4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-AS4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-AS4S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3-AS4
R3-AS4 SPECIFICATIONS
ES-8439 Rev.7 Page 1/4
https://www.m-system.co.jp/
Remote I/O R3 Series
DC CURRENT INPUT ALARM MODULE
(4 points, isolated)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-AS4[1][2]
ORDERING INFORMATION
• Code number: R3-AS4[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-AS4W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
4: 4
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
■UNUSED INPUT CHANNELS
Set the unused channels to -20 – +20 mA or 0 – 20 mA
range. Otherwise, set them as "Unused" with PC
Configurator software: R3CON. Unused channels left open
with 4 – 20 mA setting are equal to the input lower than -15
%, which sets a data abnormality at the PLC or the host
device.
Open circuit with the input range set to ±20 mA means 50
% of the full-scale. An alarm setpoint must be set to a value
that does not trip an unwanted alarm.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to input 3 to input 4 to internal
bus or internal power
Input range: Selectable with the side DIP SW
Conversion rate: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input circuit abnormality (AD converter response
failure);
Green in normal operating conditions.
INPUT SPECIFICATIONS
■ DC Current: -20 – +20 mA, 0 – 20 mA, 4 – 20 mA DC
Input resistance: 20 Ω resistor incorporated
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)


Similar Part No. - R3-AS4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-AS8 MSYSTEM-R3-AS8 Datasheet
136Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
R3-AS8S MSYSTEM-R3-AS8S Datasheet
136Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
R3-AS8S/CE MSYSTEM-R3-AS8S/CE Datasheet
136Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
R3-AS8S/Q MSYSTEM-R3-AS8S/Q Datasheet
136Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
R3-AS8W MSYSTEM-R3-AS8W Datasheet
136Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
More results

Similar Description - R3-AS4S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-AS8 MSYSTEM-R3-AS8 Datasheet
136Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT ALARM MODULE
R3-AV4 MSYSTEM-R3-AV4 Datasheet
132Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT ALARM MODULE
R3-AV8 MSYSTEM-R3-AV8 Datasheet
138Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT ALARM MODULE
R3-SSS8N MSYSTEM-R3-SSS8N Datasheet
146Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT MODULE
R3-SS8N MSYSTEM-R3-SS8N Datasheet
128Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT MODULE
R3-SS8 MSYSTEM-R3-SS8 Datasheet
128Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT MODULE
R3-SS4 MSYSTEM-R3-SS4 Datasheet
120Kb / 3P
Remote I/O R3 Series DC CURRENT INPUT MODULE
R3Y-SS8 MSYSTEM-R3Y-SS8 Datasheet
123Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT MODULE
R3Y-SS8N MSYSTEM-R3Y-SS8N Datasheet
125Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT MODULE
R3Y-SS16N MSYSTEM-R3Y-SS16N Datasheet
120Kb / 4P
Remote I/O R3 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com