Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-BC32AS/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-BC32AS/CE
Description  Remote I/O R3 Series BCD CODE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BC32AS/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-BC32AS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-BC32AS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-BC32AS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-BC32AS/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-BC32AS/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-BC32A
R3-BC32A SPECIFICATIONS
ES-8420 Rev.8 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Control
Circuit
3A
1A
4A
2A
5A
6A
7A
8A
10A
Do 11
Do 12
COM1
24V DC_1
Do 14
Do 18
Do 21
Do 22
Do 24
Do 28
1A
2A
3A
4A
6A
5A
8A
7A
9A
20A
9A
10A
11A
12A
14A
13A
16A
15A
13A
14A
12A
15A
16A
17A
18A
19A
3B
1B
4B
2B
5B
6B
7B
8B
10B
9B
13B
11B
14B
12B
15B
16B
17B
18B
20B
19B
24V DC
L
L
L
L
L
L
L
L
11A Do 31
Do 32
COM2
24V DC_2
Do 34
Do 38
Do 41
Do 42
Do 44
Do 48
24V DC
L
L
L
L
L
L
L
L
Do 51
Do 52
COM3
24V DC_3
Do 54
Do 58
Do 61
Do 62
Do 64
Do 68
24V DC
L
L
L
L
L
L
L
L
1B
2B
3B
4B
6B
5B
8B
7B
Do 71
Do 72
COM4
24V DC_4
Do 74
Do 78
Do 81
Do 82
Do 84
Do 88
24V DC
L
L
L
L
L
L
L
L
9B
10B
11B
12B
14B
13B
16B
15B
Output Circuit
Output Circuit
Output Circuit
Output Circuit
GROUP
SELECTOR
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
Two groups selected A or B with the front switch.
*For dual redundant communication.
DIP SW
INTERNAL POWER
Communication
Circuit
RUN LED ERR LED
STATUS
INDICATOR LED
INTERNAL BUS A
*INTERNAL BUS B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com