Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-BS08/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-BS08/CE
Description  Remote I/O R3 Series INSTALLATION BASE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BS08/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-BS08/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-BS08/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-BS08/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-BS08/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-BS08/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-BS
R3-BS SPECIFICATIONS
ES-8356 Rev.13 Page 2/5
https://www.m-system.co.jp/
EXTERNAL VIEW
Mount the I/O Modules from the left end (I/O 1) to the right in order that the Network Module assigns data areas from I/O 1.
Be sure to install a network module on the right side of the I/O modules. For a power supply module, be sure to install in the
right end slot for heat dissipation. In the case of redundant power supply, consecutively install them in the right end slot.
I/O 1
I/O 2
I/O n
EXTERNAL DIMENSIONS unit: mm [inch]
■R3-BS02, BS02P
30 [1.18]
4 [.16]
26.5
[1.04]
5 [.20]
16.7
[.66]
120 [4.72]
56 [2.20]
4–4.5 [.28] dia. MTG HOLE
2 [.08] deep
DIN RAIL
(35 mm wide)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com