Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-BS02/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-BS02/Q
Description  Remote I/O R3 Series INSTALLATION BASE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BS02/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-BS02/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-BS02/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-BS02/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-BS02/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-BS02/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-BS
R3-BS SPECIFICATIONS
ES-8356 Rev.13 Page 4/5
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm [inch]
UP
DOWN
MOUNTING DIRECTION
The unit must be mounted on a vertical panel. Mounting in any other angle will cause internal temperature to rise,
may shorten the product’s life expectation or deteriorate its performance.
■
50 [2]
50 [2]
R3-BS
Panel ceiling or wiring conduit (height ≤ 50 mm or 2 in.)
Panel bottom or wiring conduit (height ≤ 50 mm or 2 in.)
Maintain sufficient ventilation space. Do not mount the unit
directly above devices which radiate great heat such as
heaters, transformers or resistors.
Maintenance space is also required above and below the unit.
■ VENTILATION & MAINTENANCE SPACE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com