Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DAF4A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 12Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 16Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Modules list
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
13
3.2
Recommended connections for unused analog interfaces
Table 5 shows the recommended connections for unused analog interfaces.
POR_B
This cold reset negative logic input resets all modules and logic in the IC.
May be used in addition to internally generated power on reset signal (logical AND, both internal
and external signals are considered active low).
ONOFF
ONOFF can be configured in debounce, off to on time, and max time-out configurations. The
debounce and off to on time configurations supports 0, 50, 100 and 500 ms. Debounce is used to
generate the power off interrupt. While in the ON state, if ONOFF button is pressed longer than
the debounce time, the power off interrupt is generated. Off to on time supports the time it takes
to request power on after a configured button press time has been reached. While in the OFF
state, if ONOFF button is pressed longer than the off to on time, the state will transition from OFF
to ON. Max time-out configuration supports 5, 10, 15 seconds and disable. Max time-out
configuration supports the time it takes to request power down after ONOFF button has been
pressed for the defined time.
TEST_MODE
TEST_MODE is for NXP factory use. The user can leave this signal floating or tie it to ground.
WAKEUP
A GPIO powered by SNVS domain power supply which can be configured as wakeup source in
SNVS mode.
Table 4. JTAG controller interface summary
JTAG
I/O type
On-chip termination
JTAG_TCK
Input
100 k
pull-down
JTAG_TMS
Input
47 k
pull-up
JTAG_TDI
Input
47 k
pull-up
JTAG_TDO
3-state output
Keeper
JTAG_TRSTB
Input
47 k
pull-up
JTAG_MOD
Input
100 k
pull-down
Table 5. Recommended connections for unused analog interfaces
Module
Pad name
Recommendations
if unused
USB
USB_OTG1_CHD_B, USB_OTG1_DN, USB_OTG1_DP, USB_OTG1_VBUS
Not connected
ADC
VDDA_ADC_3P3
VDDA_ADC_3P3
must be powered
even if the ADC is
not used.
Table 3. Special signal considerations (continued)
Signal name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com