Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP2A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIMXRT516SCVP2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP2A Datasheet(HTML) 5 Page - NXP Semiconductors

  PIMXRT516SCVP2A Datasheet HTML 1Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 2Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
i.MX RT1160 introduction
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
5
– Support for SDXC (extended capacity)
— One 10M/100M Ethernet controller with support for IEEE1588
— One Gigabit Ethernet controller with support for AVB
— Twelve universal asynchronous receiver/transmitter (UARTs) modules
— Six I2C modules
— Six SPI modules
— Three FlexCAN (with Flexible Data-rate supported) modules
— Two EMV SIM modules
•
Analog:
— Two Analog-Digital-Converters (ADC), which supports both differential and single-end inputs
— One Digital-Analog-Converter (DAC)
— Four Analog Comparators (ACMP)
•
GPIO and Pin Multiplexing:
— General-purpose input/output (GPIO) modules with interrupt capability
— Input/output multiplexing controller (IOMUXC) to provide centralized pad control
— Two FlexIO modules
— 8 x 8 keypad
The i.MX RT1160 processors integrate advanced power management unit and controllers:
•
Full PMIC integration, including on-chip DCDC and LDOs
•
Temperature sensor with programmable trim points
•
Hardware power management controller (GPC)
The i.MX RT1160 processors support the following system debug:
•
Arm CoreSight debug and trace architecture
•
Trace Port Interface Unit (TPIU) to support off-chip real-time trace
•
Cross Triggering Interface (CTI)
•
Support for 5-pin (JTAG) and SWD debug interfaces
Security functions are enabled and accelerated by the following hardware:
•
High Assurance Boot (HAB)
•
Cryptographic Acceleration and Assurance (CAAM) module:
— Public Key Cryptography Engine (PKHA)
— Symmetric Engines
— Cryptographic Hash Engine
— Random Number Generation (RNG4)
— Four Job Rings for use by processors
— Secure Hardware-Only Cryptographic Key Management
— Encrypted Boot
— Revision control check based on fuse values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com