Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 69 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 65Page - Texas Instruments AM6548_V02 Datasheet HTML 66Page - Texas Instruments AM6548_V02 Datasheet HTML 67Page - Texas Instruments AM6548_V02 Datasheet HTML 68Page - Texas Instruments AM6548_V02 Datasheet HTML 69Page - Texas Instruments AM6548_V02 Datasheet HTML 70Page - Texas Instruments AM6548_V02 Datasheet HTML 71Page - Texas Instruments AM6548_V02 Datasheet HTML 72Page - Texas Instruments AM6548_V02 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 282 page
background image
Table 6-11. DMTIMER Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_TIMER_IO1
Timer Inputs and Outputs (not tied to single timer
instance)
IO
AB2
6.3.6 DSS
6.3.6.1 MAIN Domain
Table 6-12. DSS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VOUT1_DE
Video Output Data Enable
O
T23
VOUT1_EXTPCLKIN
Video Output External Pixel Clock Input
I
R25
VOUT1_HSYNC
Video Output Horizontal Sync
O
T24
VOUT1_PCLK
Video Output Pixel Clock Output
O
R24
VOUT1_VSYNC
Video Output Vertical Sync
O
T25
VOUT1_DATA0
Video Output Data 0
O
M27
VOUT1_DATA1
Video Output Data 1
O
M23
VOUT1_DATA2
Video Output Data 2
O
M28
VOUT1_DATA3
Video Output Data 3
O
M24
VOUT1_DATA4
Video Output Data 4
O
N24
VOUT1_DATA5
Video Output Data 5
O
N27
VOUT1_DATA6
Video Output Data 6
O
N28
VOUT1_DATA7
Video Output Data 7
O
M25
VOUT1_DATA8
Video Output Data 8
O
N23
VOUT1_DATA9
Video Output Data 9
O
M26
VOUT1_DATA10
Video Output Data 10
O
P28
VOUT1_DATA11
Video Output Data 11
O
P27
VOUT1_DATA12
Video Output Data 12
O
N26
VOUT1_DATA13
Video Output Data 13
O
N25
VOUT1_DATA14
Video Output Data 14
O
P24
VOUT1_DATA15
Video Output Data 15
O
R27
VOUT1_DATA16
Video Output Data 16
O
R28
VOUT1_DATA17
Video Output Data 17
O
P25
VOUT1_DATA18
Video Output Data 18
O
P26
VOUT1_DATA19
Video Output Data 19
O
U28
VOUT1_DATA20
Video Output Data 20
O
T28
VOUT1_DATA21
Video Output Data 21
O
P23
VOUT1_DATA22
Video Output Data 22
O
R26
VOUT1_DATA23
Video Output Data 23
O
R23
6.3.7 ECAP
6.3.7.1 MAIN Domain
Table 6-13. ECAP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
ECAP0_IN_APWM_OUT
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
IO
D21
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com