| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 282 page ![]() Table 6-27. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPMC0_AD6 GPMC Data 6 Input/Output in A/D non-multiplexed mode and additionally Address 7 Output in A/D multiplexed mode IO N28 GPMC0_AD7 GPMC Data 7 Input/Output in A/D non-multiplexed mode and additionally Address 8 Output in A/D multiplexed mode IO M25 GPMC0_AD8 GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 9 Output in A/D multiplexed mode IO N23 GPMC0_AD9 GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 10 Output in A/D multiplexed mode IO M26 GPMC0_AD10 GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode IO P28 GPMC0_AD11 GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode IO P27 GPMC0_AD12 GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode IO N26 GPMC0_AD13 GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode IO N25 GPMC0_AD14 GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode IO P24 GPMC0_AD15 GPMC Data 15 Input/Output in A/D non-multiplexed mode and additionally Address 16 Output in A/D multiplexed mode IO R27 GPMC0_BE0n_CLE GPMC Lower-Byte Enable (active low) or Command Latch Enable O T28 GPMC0_BE1n GPMC Upper-Byte Enable (active low) O P23 GPMC0_CSn0 GPMC Chip Select 0 (active low) O R24 GPMC0_CSn1 GPMC Chip Select 1 (active low) O T23 GPMC0_CSn2 GPMC Chip Select 2 (active low) O R25 GPMC0_CSn3 GPMC Chip Select 3 (active low) O T27 GPMC0_WAIT0 GPMC External Indication of Wait I R26 GPMC0_WAIT1 GPMC External Indication of Wait I R23 6.3.12 HyperBus Note HyperBus is not available on this device. 6.3.12.1 MCU Domain Table 6-28. HYPERBUS0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_HYPERBUS0_CK Hyperbus Differential Clock (positive) O V1 MCU_HYPERBUS0_CKn Hyperbus Differential Clock (negative) O U1 MCU_HYPERBUS0_INTn Hyperbus Interrupt (active low) I P2 www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 79 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |