Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 101 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM652X Datasheet HTML 97Page - Texas Instruments AM652X Datasheet HTML 98Page - Texas Instruments AM652X Datasheet HTML 99Page - Texas Instruments AM652X Datasheet HTML 100Page - Texas Instruments AM652X Datasheet HTML 101Page - Texas Instruments AM652X Datasheet HTML 102Page - Texas Instruments AM652X Datasheet HTML 103Page - Texas Instruments AM652X Datasheet HTML 104Page - Texas Instruments AM652X Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 282 page
background image
6.3.23.3 WKUP Domain
Table 6-62. UART0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_UART0_CTSn
UART Clear to Send (active low)
I
AC2
WKUP_UART0_RTSn
UART Request to Send (active low)
O
AC1
WKUP_UART0_RXD
UART Receive Data
I
AB1
WKUP_UART0_TXD
UART Transmit Data
O
AB5
6.3.24 USB
6.3.24.1 MAIN Domain
Table 6-63. USB0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
USB0_DM
USB 2.0 Differential Data (negative)
IO
AE2
USB0_DP
USB 2.0 Differential Data (positive)
IO
AF1
USB0_DRVVBUS
USB VBUS control output (active high)
O
AD9
USB0_ID
USB 2.0 Dual-Role Device Role Select
A
AF7
USB0_VBUS
(1)
USB Level-shifted VBUS Input
A
AE7
(1)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
Table 6-64. USB1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
USB1_DM
USB 2.0 Differential Data (negative)
IO
AD2
USB1_DP
USB 2.0 Differential Data (positive)
IO
AE1
USB1_DRVVBUS
USB VBUS control output (active high)
O
AC8
USB1_ID
USB 2.0 Dual-Role Device Role Select
A
AF5
USB1_VBUS
(1)
USB Level-shifted VBUS Input
A
AF6
(1)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
6.3.25 Emulation and Debug
6.3.25.1 MAIN Domain
Table 6-65. Emulation and Debug 0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EMU0
Emulation Control 0
IO
AA2
EMU1
Emulation Control 1
IO
AA1
TCK
JTAG Test Clock Input
I
AA4
TDI
JTAG Test Data Input
I
C20
TDO
JTAG Test Data Output
OZ
A20
TMS
JTAG Test Mode Select Input
I
A21
TRSTn
JTAG Reset
I
AA3
TRC_CLK
Trace Clock
O
AF18
TRC_CTL
Trace Control
O
AE18
TRC_DATA0
Trace Data 0
O
AH17
TRC_DATA1
Trace Data 1
O
AG18
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com