Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 273 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 273 Page - Texas Instruments

Back Button AM652X Datasheet HTML 269Page - Texas Instruments AM652X Datasheet HTML 270Page - Texas Instruments AM652X Datasheet HTML 271Page - Texas Instruments AM652X Datasheet HTML 272Page - Texas Instruments AM652X Datasheet HTML 273Page - Texas Instruments AM652X Datasheet HTML 274Page - Texas Instruments AM652X Datasheet HTML 275Page - Texas Instruments AM652X Datasheet HTML 276Page - Texas Instruments AM652X Datasheet HTML 277Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 282 page
background image
Table 10-1. Nomenclature Description (continued)
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
Ss
Security Identifier
S1
High-Security device, Secure Boot Supported
SB
Dummy key High-Security device, Secure Boot Supported
BLANK
General purpose device
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
ZZZ
Production Code; For TI use only
O
Pin one designator
G1
ECAT—Green package designator
(1)
Applies to device max junction temperature.
Note
X6580ACD is a prototype part that is functionally equivalent to XAM6548ACDXEAF.
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
10.2 Tools and Software
The following products support development for AM65xx platforms:
Design kits and evaluation modules
AM65x evaluation module The AM65x Evaluation Module provides a platform to quickly start evaluation
of Sitara™ Arm® Cortex®-A53 AM65x Processors (AM6548, AM6546, AM6528, AM6526) and accelerate
development for HMI, networking, patient monitoring, and other industrial applications. It is a development
platform based on the quad core Cortex-A53, dual Cortex-R5F processor that is integrated with ample
connectivity such as PCIe, USB 3.0/2.0, Gigabit Ethernet, and more.
Development tools
Clock Tree Tool for Sitara, Automotive, Vision Analytics, & Digital Signal Processors The Clock Tree Tool (CTT)
for Sitara™ Arm®, Automotive, and Digital Signal Processors is an interactive clock tree configuration software
that provides information about the clocks and modules in these TI devices. It allows the user to:
• Visualize the device clock tree
• Interact with clock tree elements and view the effect on PRCM registers
• Interact with the PRCM registers and view the effect on the device clock tree
• View a trace of all the device registers affected by the user interaction with clock tree
Code Composer Studio™ (CCS) Integrated Development Environment (IDE) for Sitara Arm Processors Code
Composer Studio is an integrated development environment (IDE) that supports TI's Microcontroller and
Embedded Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and debug
embedded applications. It includes an optimizing C/C++ compiler, source code editor, project build environment,
debugger, profiler, and many other features. The intuitive IDE provides a single user interface taking you through
each step of the application development flow. Familiar tools and interfaces allow users to get started faster
than ever before. Code Composer Studio combines the advantages of the Eclipse software framework with
advanced embedded debug capabilities from TI resulting in a compelling feature-rich development environment
for embedded developers.
Pin mux tool The Pin MUX Utility is a software tool which provides a Graphical User Interface for configuring
pin multiplexing settings, resolving conflicts and specifying I/O cell characteristics for TI MPUs. Results are
output as C header/code files that can be imported into software development kits (SDKs) or used to configure
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
273
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com