Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH263P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSH263P
Description  LED Lamp InGaA?밣 Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH263P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSH263P Datasheet HTML 1Page - Toshiba Semiconductor TLSH263P Datasheet HTML 2Page - Toshiba Semiconductor TLSH263P Datasheet HTML 3Page - Toshiba Semiconductor TLSH263P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLSH263P
2002-09-25
2
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20mA
―
2.1
2.5
V
Reverse current
IR
VR = 4V
―
―
50
µA
Luminous intensity
IV
IF = 20mA
(Note)
85
300
―
mcd
Peak emission wavelength
λp
IF = 20mA
―
623
―
nm
Spectral line half width
∆λ
IF = 20mA
―
15
―
nm
Dominant wavelength
λd
IF = 20mA
―
613
―
nm
(Note) : Lamps are classified into the following three ranks according to their luminous intensity. Measurement
tolerance for each limit is ±15%.
N: 100
-200mcd, P: 180-360mcd, Q: 320-640mcd.
Precaution
Please be careful of the followings
· Soldering temperature: 260°C max
Soldering time: 3s max
(Soldering portion of lead: Up to 2mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5mm from the body of the device without forming stress to
the resin.Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp,please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com