Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM350-F280-R4-1002 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VLM350-F280-R4-1002
Description  Laser light sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VLM350-F280-R4-1002 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VLM350-F280-R4-1002 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Laser light sensor
VLM350-F280-R4-1002
< Comparison of up to 32 height profiles
< Evaluation frequency 30 Hz
< Output of X/Z offset
< Intelligent exposure time control
< Laser class 1, eyesafe
< Data Matrix control codes for parameterization
Laser light sensor for profile matching; Comparison of up to 32 height profiles; Output of X/Z offset;
Resolution: 752 x 480 pixel; Measuring range: X = 40 ... 160 mm, Z = 60 ... 350 mm; Scan rate: 30 s-1; 2
digital outputs; RS-485 interface
Function
The SmartRunner Matcher compares current height profiles with a previously taught-in height profile. The Matcher is based on innovative
SmartRunner technology and combines the light section method for detecting height profiles with a 2-D vision sensor. The light section method
involves projecting a laser line onto an object. This is then detected by a camera at a specific angle. A height profile is then created using the
triangulation principle. This innovative laser technology provides reliable measurements on different surfaces.
Safety Information
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VLM350-F280-R4-1002

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VLM350-F280-R4-1001 PF-VLM350-F280-R4-1001 Datasheet
1Mb / 5P
Laser light sensor
More results

Similar Description - VLM350-F280-R4-1002

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNCQ03PS PANASONIC-LNCQ03PS Datasheet
40Kb / 2P
Red Light Semiconductor Laser
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
Laser Mouse Sensor
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
Laser dust sensor
logo
Pepperl+Fuchs Inc.
VLD700-F280-2E2-1000 PF-VLD700-F280-2E2-1000 Datasheet
1Mb / 5P
Laser light sensor
VLM350-F280-2E2-1000 PF-VLM350-F280-2E2-1000 Datasheet
1Mb / 5P
Laser light sensor
VLM350-F280-R4-1001 PF-VLM350-F280-R4-1001 Datasheet
1Mb / 5P
Laser light sensor
VLM350-F280-R4-1101 PF-VLM350-F280-R4-1101 Datasheet
1Mb / 5P
Laser light sensor
VLM700-F280-R4-1102 PF-VLM700-F280-R4-1102 Datasheet
1Mb / 5P
Laser light sensor
OBR12M-R100-2EP-IO-V31-L PF-OBR12M-R100-2EP-IO-V31-L Datasheet
597Kb / 4P
Laser retroreflective sensor
OBR12M-R100-EP-IO-V3-L PF-OBR12M-R100-EP-IO-V3-L Datasheet
610Kb / 4P
Laser retroreflective sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com